データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VQ2004J データシート(PDF) 2 Page - Vishay Siliconix

部品番号 VQ2004J
部品情報  Quad P-Channel 60-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VQ2004J データシート(HTML) 2 Page - Vishay Siliconix

  VQ2004J Datasheet HTML 1Page - Vishay Siliconix VQ2004J Datasheet HTML 2Page - Vishay Siliconix VQ2004J Datasheet HTML 3Page - Vishay Siliconix VQ2004J Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VQ2004J
Vishay Siliconix
www.vishay.com
11-2
Document Number: 70220
S-04279—Rev. C, 16-Jul-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
Parameter
Symbol
Test Conditions
Min
Typa
Max
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = –10 mA
–60
–110
Gate-Threshold Voltage
VGS(th)
VDS = VGS, ID = –1 mA
–2
–3.4
–4.5
V
VDS = 0 V, VGS = "30 V
"100
Gate-Body Leakage
IGSS
TJ = 125_C
"500
nA
VDS = –60 V, VGS = 0 V
–10
m
Zero Gate Voltage Drain Current
IDSS
VDS = –48 V, VGS = 0 V, TJ = 125_C
–500
mA
On-State Drain Currentb
ID(on)
VDS = –10 V, VGS = –10 V
–1
–2
A
VGS = –10 V, ID = –1 A
2.5
5
W
Drain-Source On-Resistanceb
rDS(on)
TJ = 125_C
4.4
8
W
Forward Transconductanceb
gfs
VDS = –10 V, ID = –0.5 A
200
325
Common Source Output Conductanceb
gos
VDS = –7.5 V, ID = –0.1 A
0.45
mS
Dynamic
Input Capacitance
Ciss
75
150
Output Capacitance
Coss
VDS = –25 V, VGS = 0 V
f = 1 MHz
40
60
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
18
25
Switchingc
td(on)
11
15
Turn-On Time
tr
VDD = –25 V, RL = 47 W
^
30
40
td(off)
ID ^ –0.5 A, VGEN = –10 V
RG = 25 W
20
30
ns
Turn-Off Time
tf
G
20
30
Notes
a.
For DESIGN AID ONLY, not subject to production testing.
VPDV10
b.
Pulse test: PW
v300 ms duty cycle v2%.
c.
Switching time is essentially independent of operating temperature.


同様の部品番号 - VQ2004J

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
VQ2001J VISHAY-VQ2001J Datasheet
250Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
Rev.C, 21-Jun-99
VQ2001J VISHAY-VQ2001J Datasheet
42Kb / 4P
   P-Channel 30-V (D-S) MOSFETs
Rev. E, 16-Jul-01
VQ2001J VISHAY-VQ2001J Datasheet
56Kb / 5P
   P-Channel 30-V (D-S) MOSFETs
18-Jul-08
VQ2001P VISHAY-VQ2001P Datasheet
250Kb / 4P
   P-Channel Enhancement-Mode MOSFET Transistors
Rev.C, 21-Jun-99
VQ2001P VISHAY-VQ2001P Datasheet
42Kb / 4P
   P-Channel 30-V (D-S) MOSFETs
Rev. E, 16-Jul-01
More results

同様の説明 - VQ2004J

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
   P-Channel 60-V (D-S) MOSFET
Rev. A, 03-Nov-03
logo
Bruckewell Technology L...
MSD30P06 BWTECH-MSD30P06 Datasheet
544Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM90P06-20B ANALOGPOWER-AM90P06-20B Datasheet
367Kb / 5P
   P-Channel 60-V (D-S) MOSFET
AM30P06-40D ANALOGPOWER-AM30P06-40D Datasheet
350Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 02-Jan-06
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. D, 29-Nov-99
logo
Analog Power
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
   P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
   P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
   P-Channel 60-V (D-S) MOSFET
Rev. B, 12-Dec-05
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com