データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMCG64A-HR データシート(PDF) 2 Page - Littelfuse

部品番号 SMCG64A-HR
部品情報  The SMCG-HR series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMCG64A-HR データシート(HTML) 2 Page - Littelfuse

  SMCG64A-HR Datasheet HTML 1Page - Littelfuse SMCG64A-HR Datasheet HTML 2Page - Littelfuse SMCG64A-HR Datasheet HTML 3Page - Littelfuse SMCG64A-HR Datasheet HTML 4Page - Littelfuse SMCG64A-HR Datasheet HTML 5Page - Littelfuse SMCG64A-HR Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Transient Voltage Suppression Diodes
©2015 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 11/09/15
Surface Mount – 1500W > SMCG-HR series
Electrical Characteristics
Note:
1.ForbidirectionaltypehavingV
Rof10voltsandless,theIR limit is double.
Part
Number
(Uni)
Part
Number
(Bi)
Marking
Reverse
Stand off
Voltage V
R
(Volts)
Breakdown
Voltage V
BR
(Volts) @ I
T
Test
Current
I
T
(mA)
Maximum
Clamping
Voltage V
C
@ I
pp
(V)
Maximum
Peak
Pulse
Current I
pp
(A)
Maximum
Reverse
Leakage I
R
@ V
R
(µA)
Agency
Approval
UNI
BI
MIN
MAX
SMCG5.0A-HR
SMCG5.0CA-HR
GDE
BDE
5.0
6.40
7.00
10
9.2
163.0
800
X
SMCG6.0A-HR
SMCG6.0CA-HR
GDG
BDG
6.0
6.67
7.37
10
10.3
145.7
800
X
SMCG6.5A-HR
SMCG6.5CA-HR
GDK
BDK
6.5
7.22
7.98
10
11.2
134.0
500
X
SMCG7.0A-HR
SMCG7.0CA-HR
GDM
BDM
7.0
7.78
8.60
10
12.0
125.0
200
X
SMCG7.5A-HR
SMCG7.5CA-HR
GDP
BDP
7.5
8.33
9.21
1
12.9
116.3
100
X
SMCG8.0A-HR
SMCG8.0CA-HR
GDR
BDR
8.0
8.89
9.83
1
13.6
110.3
50
X
SMCG8.5A-HR
SMCG8.5CA-HR
GDT
BDT
8.5
9.44
10.40
1
14.4
104.2
20
X
SMCG9.0A-HR
SMCG9.0CA-HR
GDV
BDV
9.0
10.00
11.10
1
15.4
97.4
10
X
SMCG10A-HR
SMCG10CA-HR
GDX
BDX
10.0
11.10
12.30
1
17.0
88.3
5
X
SMCG11A-HR
SMCG11CA-HR
GDZ
BDZ
11.0
12.20
13.50
1
18.2
82.5
1
X
SMCG12A-HR
SMCG12CA-HR
GEE
BEE
12.0
13.30
14.70
1
19.9
75.4
1
X
SMCG13A-HR
SMCG13CA-HR
GEG
BEG
13.0
14.40
15.90
1
21.5
69.8
1
X
SMCG14A-HR
SMCG14CA-HR
GEK
BEK
14.0
15.60
17.20
1
23.2
64.7
1
X
SMCG15A-HR
SMCG15CA-HR
GEM
BEM
15.0
16.70
18.50
1
24.4
61.5
1
X
SMCG16A-HR
SMCG16CA-HR
GEP
BEP
16.0
17.80
19.70
1
26.0
57.7
1
X
SMCG17A-HR
SMCG17CA-HR
GER
BER
17.0
18.90
20.90
1
27.6
54.4
1
X
SMCG18A-HR
SMCG18CA-HR
GET
BET
18.0
20.00
22.10
1
29.2
51.4
1
X
SMCG20A-HR
SMCG20CA-HR
GEV
BEV
20.0
22.20
24.50
1
32.4
46.3
1
X
SMCG22A-HR
SMCG22CA-HR
GEX
BEX
22.0
24.40
26.90
1
35.5
42.3
1
X
SMCG24A-HR
SMCG24CA-HR
GEZ
BEZ
24.0
26.70
29.50
1
38.9
38.6
1
X
SMCG26A-HR
SMCG26CA-HR
GFE
BFE
26.0
28.90
31.90
1
42.1
35.7
1
X
SMCG28A-HR
SMCG28CA-HR
GFG
BFG
28.0
31.10
34.40
1
45.4
33.1
1
X
SMCG30A-HR
SMCG30CA-HR
GFK
BFK
30.0
33.30
36.80
1
48.4
31.0
1
X
SMCG33A-HR
SMCG33CA-HR
GFM
BFM
33.0
36.70
40.60
1
53.3
28.2
1
X
SMCG36A-HR
SMCG36CA-HR
GFP
BFP
36.0
40.00
44.20
1
58.1
25.9
1
X
SMCG40A-HR
SMCG40CA-HR
GFR
BFR
40.0
44.40
49.10
1
64.5
23.3
1
X
SMCG43A-HR
SMCG43CA-HR
GFT
BFT
43.0
47.80
52.80
1
69.4
21.7
1
X
SMCG45A-HR
SMCG45CA-HR
GFV
BFV
45.0
50.00
55.30
1
72.7
20.6
1
X
SMCG48A-HR
SMCG48CA-HR
GFX
BFX
48.0
53.30
58.90
1
77.4
19.4
1
X
SMCG51A-HR
SMCG51CA-HR
GFZ
BFZ
51.0
56.70
62.70
1
82.4
18.2
1
X
SMCG54A-HR
SMCG54CA-HR
GGE
BGE
54.0
60.00
66.30
1
87.1
17.3
1
X
SMCG58A-HR
SMCG58CA-HR
GGG
BGG
58.0
64.40
71.20
1
93.6
16.1
1
X
SMCG60A-HR
SMCG60CA-HR
GGK
BGK
60.0
66.70
73.70
1
96.8
15.5
1
X
SMCG64A-HR
SMCG64CA-HR
GGM
BGM
64.0
71.10
78.60
1
103.0
14.6
1
X
SMCG70A-HR
SMCG70CA-HR
GGP
BGP
70.0
77.80
86.00
1
113.0
13.3
1
X
SMCG75A-HR
SMCG75CA-HR
GGR
BGR
75.0
83.30
92.10
1
121.0
12.4
1
X
SMCG78A-HR
SMCG78CA-HR
GGT
BGT
78.0
86.70
95.80
1
126.0
11.9
1
X
SMCG85A-HR
SMCG85CA-HR
GGV
BGV
85.0
94.40
104.00
1
137.0
11.0
1
X
SMCG90A-HR
SMCG90CA-HR
GGX
BGX
90.0
100.00
111.00
1
146.0
10.3
1
X
SMCG100A-HR SMCG100CA-HR
GGZ
BGZ
100.0
111.00
123.00
1
162.0
9.3
1
X
SMCG110A-HR
SMCG110CA-HR
GHE
BHE
110.0
122.00 135.00
1
177.0
8.5
1
X
SMCG120A-HR SMCG120CA-HR
GHG
BHG
120.0
133.00 147.00
1
193.0
7.8
1
X


同様の部品番号 - SMCG64A-HR

メーカー部品番号データシート部品情報
logo
General Semiconductor
SMCG64A GE-SMCG64A Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMCG64A MICROSEMI-SMCG64A Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SMCG64A MICROSEMI-SMCG64A Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Vishay Siliconix
SMCG64A VISHAY-SMCG64A Datasheet
114Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Digitron Semiconductors
SMCG64A DIGITRON-SMCG64A Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
More results

同様の説明 - SMCG64A-HR

メーカー部品番号データシート部品情報
logo
Littelfuse
TP6KE LITTELFUSE-TP6KE Datasheet
947Kb / 5P
   specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMBJ LITTELFUSE-SMBJ Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
5.0SMDJ LITTELFUSE-5.0SMDJ Datasheet
1,002Kb / 6P
   The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF33 LITTELFUSE-SMF33 Datasheet
995Kb / 4P
   SMF3.3 is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6J LITTELFUSE-SMA6J Datasheet
772Kb / 6P
   The SMA6J series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
15KPA LITTELFUSE-15KPA Datasheet
989Kb / 6P
   The 15KPA Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SAC LITTELFUSE-SAC Datasheet
747Kb / 4P
   The SAC Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMCJ LITTELFUSE-SMCJ Datasheet
967Kb / 6P
   The SMCJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMA6L LITTELFUSE-SMA6L Datasheet
1Mb / 6P
   The SMA6L series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMF LITTELFUSE-SMF Datasheet
928Kb / 6P
   The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com