データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8620BR-REEL7 データシート(PDF) 11 Page - Analog Devices

部品番号 AD8620BR-REEL7
部品情報  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8620BR-REEL7 データシート(HTML) 11 Page - Analog Devices

Back Button AD8620BR-REEL7 Datasheet HTML 7Page - Analog Devices AD8620BR-REEL7 Datasheet HTML 8Page - Analog Devices AD8620BR-REEL7 Datasheet HTML 9Page - Analog Devices AD8620BR-REEL7 Datasheet HTML 10Page - Analog Devices AD8620BR-REEL7 Datasheet HTML 11Page - Analog Devices AD8620BR-REEL7 Datasheet HTML 12Page - Analog Devices AD8620BR-REEL7 Datasheet HTML 13Page - Analog Devices AD8620BR-REEL7 Datasheet HTML 14Page - Analog Devices AD8620BR-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. D
AD8610/AD8620
–11–
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = –1
SR = 54V/ s
Figure 9. (+SR) of AD8610/AD8620 in Unity Gain of –1
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = –1
SR = 42.1V/ s
Figure 10. (+SR) of OPA627 in Unity Gain of –1
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = –1
SR = 54V/ s
Figure 11. (–SR) of AD8610/AD8620 in Unity Gain of –1
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = –1
SR = 56V/ s
Figure 12. (–SR) of OPA627 in Unity Gain of –1
The AD8610 has a very fast slew rate of 60 V/
µs even when config-
ured in a noninverting gain of +1. This is the toughest condition to
impose on any amplifier since the input common-mode capacitance
of the amplifier generally makes its SR appear worse. The slew
rate of an amplifier varies according to the voltage difference
between its two inputs. To observe the maximum SR as specified
in the AD8610 data sheet, a difference voltage of about 2 V between
the inputs must be ensured. This will be required for virtually any
JFET op amp so that one side of the op amp input circuit is com-
pletely off, maximizing the current available to charge and discharge
the internal compensation capacitance. Lower differential
drive voltages will produce lower slew rate readings. A JFET-
input op amp with a slew rate of 60 V/
µs at unity gain with
VIN = 10 V might slew at 20 V/
µs if it is operated at a gain of
+100 with VIN = 100 mV.
The slew rate of the AD8610/AD8620 is double that of the OPA627
when configured in a unity gain of +1 (see Figures 13 and 14).
TIME – 400ns/DIV
VS =
13V
RL = 2k
G = +1
SR = 85V/ s
Figure 13. (+SR) of AD8610/AD8620 in Unity Gain of +1


同様の部品番号 - AD8620BR-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8620BR-REEL7 AD-AD8620BR-REEL7 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
More results

同様の説明 - AD8620BR-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8610 AD-AD8610_06 Datasheet
1,004Kb / 24P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
Rev. E
AD8510 AD-AD8510_07 Datasheet
465Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. H
AD8610 AD-AD8610 Datasheet
41Kb / 4P
   Precision Very Low Noise Low Input Bias Current Wide Bandwidth JFET Operational Amplifiers
REV. Pr0 9/27/01
AD8510 AD-AD8510 Datasheet
497Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. E
ADA4610-2 AD-ADA4610-2 Datasheet
149Kb / 4P
   Precision, Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifiers
Rev. PrA
AD8671 AD-AD8671_05 Datasheet
465Kb / 16P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
REV. C
AD8671 AD-AD8671 Datasheet
92Kb / 4P
   Precision Very Low Noise Low Input Bias Current Operational Amplifiers
Rev 0.2 2/21/02
AD8672ARMZ AD-AD8672ARMZ Datasheet
439Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current Operational Amplifiers
Rev. F
AD8510 AD-AD8510_15 Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
AD8512ARMZ AD-AD8512ARMZ Datasheet
435Kb / 20P
   Precision, Very Low Noise, Low Input Bias Current
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com