データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DMW24D12-625 データシート(PDF) 3 Page - Wall Industries,Inc.

部品番号 DMW24D12-625
部品情報  Single and Dual Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WALL [Wall Industries,Inc.]
ホームページ  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

DMW24D12-625 データシート(HTML) 3 Page - Wall Industries,Inc.

  DMW24D12-625 Datasheet HTML 1Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 2Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 3Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 4Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 5Page - Wall Industries,Inc. DMW24D12-625 Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833
02/24/2010
603-778-2300 www.wallindustries.com Fax 603-778-9797
Page 3 of 6
DMW Ultra Wide Series
Single and Dual Output
4:1 Ultra Wide Input Voltage Range
Up to 15.3 Watts DC/DC Converters
Rev C
Efficiency vs Input Voltage (Single Output)
Efficiency vs Input Voltage (Dual Output)
Efficiency vs Output Load (Single Output)
Efficiency vs Output Load (Dual Output)
Derating Curve without Heatsink
Derating Curve with Heatsink
Low
Nom
High
100
90
80
70
60
50
Input Voltage (V)
Low
Nom
High
100
90
80
70
60
50
Input Voltage (V)
90
80
70
60
50
40
30
10
20
40
60
80
100
Load Current (%)
60
50
40
40
60
10
20
80
100
Load Current (%)
30
70
80
90
400LFM
100LFM
200LFM
Natural
Convection
100
80
60
40
20
0
~
-40
50
60
70
80
90
100
110
Ambient Temperature (°C)
100
80
60
40
20
0
~
-40
50
60
70
80
90
100
110
Ambient Temperature (°C)
400LFM
100LFM
200LFM
Natural
Convection


同様の部品番号 - DMW24D12-625

メーカー部品番号データシート部品情報
logo
Wall Industries,Inc.
DMW24D12-625 WALL-DMW24D12-625 Datasheet
236Kb / 9P
   Single and Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DMW24D12-625 WALL-DMW24D12-625 Datasheet
161Kb / 6P
   15.3 Watts DC/DC Converters
More results

同様の説明 - DMW24D12-625

メーカー部品番号データシート部品情報
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
   Single and Dual Output
logo
Wall Industries,Inc.
MM12S3.3-5500 WALL-MM12S3.3-5500 Datasheet
236Kb / 8P
   Single and Dual Output
logo
PEAK electronics GmbH
P48WG-243R3E41LF PEAK-P48WG-243R3E41LF Datasheet
101Kb / 4P
   Single and Dual Output
PEA1-0505ELF PEAK-PEA1-0505ELF Datasheet
149Kb / 3P
   Single and Dual Output
logo
Arch Electronics Corp.
AHC08_SERIES ARCH-AHC08_SERIES Datasheet
239Kb / 4P
   Single and Dual Output
logo
Artesyn Technologies
AFC5 ARTESYN-AFC5 Datasheet
55Kb / 2P
   Single and dual output
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com