データシートサーチシステム |
|
DMW48S12-1250 データシート(PDF) 2 Page - Wall Industries,Inc. |
|
DMW48S12-1250 データシート(HTML) 2 Page - Wall Industries,Inc. |
2 / 6 page Wall Industries, Inc. 37 Industrial Drive Exeter, NH 03833 02/24/2010 603-778-2300 www.wallindustries.com Fax 603-778-9797 Page 2 of 6 DMW Ultra Wide Series Single and Dual Output 4:1 Ultra Wide Input Voltage Range Up to 15.3 Watts DC/DC Converters Rev C MODEL SELECTION TABLE Model Number Input Voltage Output Voltage Output Current Input Current Reflected Ripple Current Output Power Efficiency (Typ) Max Capacitive Load Min Max No Load Max Load DMW24S3.3-3000 24 VDC (9 ~ 36 VDC) 3.3 VDC 300mA 3000mA 25mA (typ) 528mA 40mA (typ) 9.9W 78% 470 μF DMW24S5-3000 5 VDC 300mA 3000mA 762mA 15W 82% 470μF DMW24S5.1-3000 5.1 VDC 300mA 3000mA 735mA 15.3W 81% 470μF DMW24S12-1250 12 VDC 125mA 1250mA 726mA 15W 85% 470μF DMW24S15-1000 15 VDC 100mA 1000mA 771mA 15W 86% 470μF DMW24D5-1500 ±5 VDC ±150mA ±1500mA 735mA 15W 81% 220μF DMW24D12-625 ±12 VDC ±62.5mA ±625mA 726mA 15W 85% 220μF DMW24D15-500 ±15 VDC ±50mA ±500mA 787mA 15W 86% 220μF DMW48S3.3-3000 48 VDC (18 ~ 75 VDC) 3.3 VDC 300mA 3000mA 15mA (typ) 26mA 30mA (typ) 9.9W 78% 470 μF DMW48S5-3000 5 VDC 300mA 3000mA 381mA 15W 82% 470μF DMW48S5.1-3000 5.1 VDC 300mA 3000mA 368mA 15.3W 81% 470μF DMW48S12-1250 12 VDC 125mA 1250mA 363mA 15W 85% 470μF DMW48S15-1000 15 VDC 100mA 1000mA 386mA 15W 86% 470μF DMW48D5-1500 ±5 VDC ±150mA ±1500mA 368mA 15W 81% 220μF DMW48D12-625 ±12 VDC ±62.5mA ±625mA 363mA 15W 85% 220μF DMW48D15-500 ±15 VDC ±50mA ±500mA 393mA 15W 86% 220μF NOTES 1. Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%. 2. The DMW series requires a minimum output load to maintain specified regulations. Operation under no-load condition will not damage these devices; however they may not meet all listed specifications. 3. All DC/DC converters should be externally fused at the front end for protection. 4. Other input and output voltages may be available, please contact factory. 5. Only positive control logic remote On/Off is available. To order the converter with positive remote on/off add the suffix “RC” to the part number. 6. To order the converter with EN55022 Class A function, please add the suffix “A” to the part number. 7. To order the converter with a heatsink please add the suffix “HS” to the part number. *Due to advances in technology, specifications subject to change without notice. BLOCK DIAGRAMS Single Output Dual Output INPUT VOLTAGE TRANSIENT RATING +Vo -Vo Ref.Amp Isolation +Vin LC Filter -Vin PWM Filter +Vo Com. -Vo Isolation +Vin LC -Vin PWM Ref.Amp 130 125 120 115 110 105 100 80 75 70 65 60 55 50 45 40 10µs 100µs 1ms 10ms 100ms 24VDC Input Models 48VDC Input Models |
同様の部品番号 - DMW48S12-1250 |
|
同様の説明 - DMW48S12-1250 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |