データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS4231A データシート(PDF) 7 Page - List of Unclassifed Manufacturers

部品番号 CS4231A
部品情報  PARALLEL INTERFACE MULTIMEDIA AUDIO CODEC
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

CS4231A データシート(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CS4231A Datasheet HTML 3Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 4Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 5Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 6Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 7Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 8Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 9Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 10Page - List of Unclassifed Manufacturers CS4231A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 76 page
background image
TIMING PARAMETERS (TA = 25 °C; VA1, VA2, VD1-VD4 = +5V, outputs loaded with 30 pF;
Input Levels: Logic 0 = 0V, Logic 1 = VD1-VD4)
Parameter
Symbol
Min
Max
Units
WR or RD strobe width
tSTW
90
ns
Data valid to WR rising edge
(write cycle)
tWDSU
22
ns
RD falling edge to data valid
(read cycle)
tRDDV
60
ns
CS setup to WR of RD falling edge
tCSSU
10
ns
CS hold from WR or RD rising edge
tCSHD
0ns
ADDR <> setup to RD or WR falling edge
tADSU
22
ns
ADDR <> hold from WR or RD rising edge
tADHD
10
ns
DAK inactive to WR or RD falling edge (DMA cycle
completion immediately followed by a non-DMA cycle)
tSUDK1
60
ns
DAK active from WR or RD rising edge (non-DMA cycle
completion immediately followed by DMA cycle)
tSUDK2
0ns
DAK setup to RD falling edge (DMA cycles)
DAK setup to WR falling edge
tDKSUa
tDKSUb
25
25
ns
ns
Data hold from WR rising edge
tDHD2
15
ns
DRQ hold from WR or RD falling edge
(assumes no more DMA cycles needed)
tDRHD
025
ns
Time between rising edge of WR or RD to next falling edge
of WR or RD
tBWND
80
ns
Data hold from RD rising edge
tDHD1
020
ns
DAK hold from WR rising edge
DAK hold from RD rising edge
tDKHDa
tDKHDb
25
25
ns
ns
DBEN or DBDIR active from WR or RD falling edge
tDBDL
40
ns
PDWN pulse width low
tPDWN
200
ns
Crystals, XTAL1I, XTAL2I frequency
(Notes 1,7,8)
25.6
MHz
XTAL1I, XTAL2I high time
(Notes 1,8)
18
ns
XTAL1I, XTAL2I low time
(Notes 1,8)
18
ns
Sample frequency
(Note 1)
Fs
5.5
50
kHz
Serial Port Timing
SCLK frequency
(Note 9)
tSCLKW
Fsx64
Hz
SCLK rising to SDOUT valid
tPD1
30
ns
SCLK rising to FSYNC transition
tPD2
-20
20
ns
SDIN valid to SCLK falling
tS1
30
ns
SDIN hold after SCLK falling
tH1
30
ns
Notes:
7. When only one crystal is used, it must be XTAL1. When using two crystals, the high frequency
crystal should be on XTAL1 which is designed for higher loop gains.
8. Sample frequency specifications must not be exceeded.
9. When SF1, 0 = 10, 32-bit mode, SCLK is active for the first 32 bit periods of the frame, and remains
low during the last 32 bit periods of the frame.
CS4231A
DS139PP2
7


同様の部品番号 - CS4231A

メーカー部品番号データシート部品情報
logo
Shenzhenshi YONGFUKANG ...
CS4230E YONGFUKANG-CS4230E Datasheet
2Mb / 11P
   Charge Pump
logo
Cirrus Logic
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42324-CQZ CIRRUS-CS42324-CQZ Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42324-DQZ CIRRUS-CS42324-DQZ Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
More results

同様の説明 - CS4231A

メーカー部品番号データシート部品情報
logo
Cirrus Logic
CS4215 CIRRUS-CS4215 Datasheet
878Kb / 52P
   16-Bit Multimedia Audio Codec
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
   Multimedia Audio Codec for AC97
logo
Realtek Semiconductor C...
ALC5624 REALTEK-ALC5624 Datasheet
1Mb / 78P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
   Audio Hub CODEC for Multimedia Phones
logo
Realtek Semiconductor C...
ALC5624-GR REALTEK-ALC5624-GR Datasheet
1Mb / 73P
   HAND-HELD MULTIMEDIA I2S AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4544A AKM-AK4544A Datasheet
381Kb / 35P
   AC97 MULTIMEDIA AUDIO CODEC WITH SRC
logo
Wolfson Microelectronic...
WM9701A WOLFSON-WM9701A Datasheet
192Kb / 24P
   Low Power AC97 Multimedia Audio Codec
logo
YAMAHA CORPORATION
YMZ263B YAMAHA-YMZ263B Datasheet
932Kb / 18P
   MULTIMEDIA AUDIO GAME INTERFACE CONTROLLER
logo
Asahi Kasei Microsystem...
AK4543 AKM-AK4543 Datasheet
385Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
AK4541 AKM-AK4541 Datasheet
383Kb / 31P
   AC??7 Rev 2.1 Multimedia Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com