データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WY0222MCMBF0K データシート(PDF) 2 Page - International Rectifier

部品番号 WY0222MCMBF0K
部品情報  High Power Factor/Low THD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

WY0222MCMBF0K データシート(HTML) 2 Page - International Rectifier

  WY0222MCMBF0K Datasheet HTML 1Page - International Rectifier WY0222MCMBF0K Datasheet HTML 2Page - International Rectifier WY0222MCMBF0K Datasheet HTML 3Page - International Rectifier WY0222MCMBF0K Datasheet HTML 4Page - International Rectifier WY0222MCMBF0K Datasheet HTML 5Page - International Rectifier WY0222MCMBF0K Datasheet HTML 6Page - International Rectifier WY0222MCMBF0K Datasheet HTML 7Page - International Rectifier WY0222MCMBF0K Datasheet HTML 8Page - International Rectifier WY0222MCMBF0K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
www.irf.com
Parameter
Units
Value (IRPLLNR2)
Value (IRPLLNR2U)
Lamp Type
36W T8
32W T8
Input Power
[W]
36
32
Input Current
[Arms]
0.300
0.300
Preheat Mode Frequency
[kHz]
44
44
Preheat Mode Lamp Voltage
[Vrms]
220
220
Preheat Time
[s]
0.9
0.6
Ignition Ramp Mode Frequency
[kHz]
38
38
Run Mode Frequency
[kHz]
42
42
Lamp Run Current
[Arms]
0.34
0.34
Input AC Voltage Range
[VACrms]
185..255/50..60Hz
90..140/50..60Hz
Input DC Voltage Range
[VDC]
250..350
100..180
Power Factor
0.98
0.99
Total Harmonic Distortion
[%]
<15
<10
Maximum Output Voltage
[Vpk]
600
600
Electrical Characteristics
Note: Measurements performed with input AC line voltage = 120Vrms (IRPLDIM1U)
230Vrms (IRPLDIM1)
Fault
Ballast
Restart Operation
Line voltage low
Deactivates
Increase line voltage
Upper filament broken
Deactivates
Lamp exchange
Lower filament broken
Deactivates
Lamp exchange
Failure to ignite
Deactivates
Lamp exchange
Open circuit (no lamp)
Deactivates
Lamp exchange
Fault Protection Characteristics
Functional Description
Overview
he IRPLDIM1 Demo Board consists of an EMI filter, an active power factor correction front end, a
ballast control section and a resonant lamp output stage. The active power factor correction section
is a boost converter operating in critical mode conduction, free-running frequency mode. The ballast
control section provides frequency modulation control of a traditional RCL lamp resonant output
circuit and is easily adaptable to a wide variety of lamp types. The ballast control section also pro-
vides the necessary circuitry to perform closed-loop dimming, lamp fault detection, shutdown and
auto-restart. All functional descriptions refer to the IRPLDIM1 schematic diagram.


同様の部品番号 - WY0222MCMBF0K

メーカー部品番号データシート部品情報
logo
International Rectifier
WY0222MCMBF0K IRF-WY0222MCMBF0K Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
More results

同様の説明 - WY0222MCMBF0K

メーカー部品番号データシート部品情報
logo
Seoul Semiconductor
SMJQ13XXFNSX SEOUL-SMJQ13XXFNSX Datasheet
925Kb / 19P
   High Power Factor and Low THD
logo
Infineon Technologies A...
TDA4863 INFINEON-TDA4863_05 Datasheet
306Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
Rev.2, Feb. 2005
TDA4863-2 INFINEON-TDA4863-2 Datasheet
221Kb / 27P
   Power Factor Controller IC for High Power Factor and Low THD
2004-02 V1.2
TDA4863-2 INFINEON-TDA4863-2_05 Datasheet
1Mb / 27P
   Power-Factor Controller (PFC) IC for High Power Factor and Low THD
Version 2.1, 22 Feb 2005
logo
Bel Fuse Inc.
SPAFCBK-11G BEL-SPAFCBK-11G Datasheet
2Mb / 37P
   High power quality (Power Factor and THD)
logo
Infineon Technologies A...
ICE1PD265G INFINEON-ICE1PD265G Datasheet
79Kb / 16P
   Power Factor Controller Cool- MOS: BoostSET IC for High Power Factor and low THD
10.09.01
logo
List of Unclassifed Man...
EN-822-300-V2P1-SIMPLE ETC2-EN-822-300-V2P1-SIMPLE Datasheet
276Kb / 6P
   Low THD, High Performance LED Driver
logo
Grenergy Opto, lnc.
GR8763 GRENERGY-GR8763 Datasheet
600Kb / 13P
   Power Factor Controller IC for High Power Factor
logo
Texas Instruments
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI1-UC1852_08 Datasheet
405Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com