データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC03-3.3 データシート(PDF) 1 Page - Littelfuse

部品番号 LC03-3.3
部品情報  LC03-3.3 Series 3.3V 150A Diode Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LC03-3.3 データシート(HTML) 1 Page - Littelfuse

  LC03-3.3 Datasheet HTML 1Page - Littelfuse LC03-3.3 Datasheet HTML 2Page - Littelfuse LC03-3.3 Datasheet HTML 3Page - Littelfuse LC03-3.3 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 02/23/17
TVS Diode Arrays (SPA®Diodes)
Lightning Surge Protection - LC03-3.3 Series
Description
Features
Applications
This LC03-3.3 series provides overvoltage protection for
applications such as 10/100/1000 BaseT Ethernet and
T3/E3 interfaces. This new protector combines the TVS
diode element with a diode rectifier bridge to provide both
longitudinal and differential protection in one package.
This design results in a capacitive loading characteristic
that is log-linear with respect to the signal voltage across
the device. This reduces intermodulation (IM) distortion
caused by a typical solid-state protection solution. The
application schematic provides the connection information
and the LC03-3.3 is rated for GR-1089, intra-building
transient immunity requirements for telecommunication
installations.
Pinout
Functional Block Diagram
• Lightning Protection, IEC
61000-4-5 2nd edition,
150A (tp=8/20µs)
• EFT, IEC 61000-4-4, 40A
(tp=5/50ns)
• Low insertion loss, log-
linear capacitance
• Low clamping voltage
• SOIC-8 surface mount
package (JEDEC MS-012)
• UL 94V-0 epoxy molding
• RoHS and Lead-free
compliant
• Moisture Sensitivity Level
(MSL-1)
• T1/E1 Line cards
• T3/E3 and DS3 Interfaces
• STS-1 Interfaces
• 10/100/1000 BaseT
Ethernet
SOIC-8 (Top View)
1
2
3
5
4
6
7
8
Pin 1 and 8
Pin 4 and 5
Pin 2, 3, 6,
and 7
Line out
Line out
Line in
Line in
Life Support Note:
Not Intended for Use in Life Support or Life Saving Applications
The products shown herein are not designed for use in life sustaining or life saving
applications unless otherwise expressly indicated.
Application Example
This schematic shows a high-speed data interface
protection solution. The LC03-3.3BTG is compatible with
the intra-building surge requirements of Telcordia’s GR-
1089-CORE, and the Basic Level Recommendations of
ITU K.20 and K.21. The TeleLink fuse provides overcurrent
protection for the long term 50/60 Hz power fault events.
TeleLink (0461 1.25)
LC03-3.3BTG
1
2
3
4
8
7
6
5
to chipset
(Ethernet PHY,
T3/E3 PHY, etc.)
RoHS
Pb GREEN
LC03-3.3 Series 3.3V 150A Diode Array
Additional Information
Datasheet
Samples
Resources


同様の部品番号 - LC03-3.3

メーカー部品番号データシート部品情報
logo
Semtech Corporation
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
191Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
LC03-3.3 SEMTECH-LC03-3.3 Datasheet
197Kb / 7P
   Low Capacitance 3.3 Volt TVS for High Speed Interfaces
logo
Shanghai Leiditech Elec...
LC03-3.3 LEIDITECH-LC03-3.3 Datasheet
196Kb / 3P
   Low Capacitance 3.3V TVS
logo
Applied Power Microelec...
LC03-3.3 APMICRO-LC03-3.3 Datasheet
812Kb / 5P
   Low Capacitance 3.3V TVS
logo
TECH PUBLIC Electronics...
LC03-3.3 TECHPUBLIC-LC03-3.3 Datasheet
2Mb / 5P
   Low Capacitance 3.3 TVS
More results

同様の説明 - LC03-3.3

メーカー部品番号データシート部品情報
logo
Littelfuse
LC03-3.3BTG LITTELFUSE-LC03-3.3BTG Datasheet
731Kb / 4P
   LC03-3.3 Series 3.3V 150A Diode Array
SP03-3-3 LITTELFUSE-SP03-3-3 Datasheet
732Kb / 4P
   SP03-3.3 Series 3.3V 150A Diode Array
SP03A-3.3 LITTELFUSE-SP03A-3.3 Datasheet
1Mb / 4P
   SP03A-3.3 Series 3.3V 150A Rail Clamp Array
SP4042 LITTELFUSE-SP4042 Datasheet
2Mb / 4P
   SP4042 Series 3.3V Diode Array
SP3312T LITTELFUSE-SP3312T Datasheet
780Kb / 4P
   SP3312T Series 3.3V 15A Diode Array
SP4065 LITTELFUSE-SP4065 Datasheet
902Kb / 4P
   SP4065 Series 3.3V 20A Diode Array
logo
Bourns Electronic Solut...
CD143A-SR2.8 BOURNS-CD143A-SR2.8 Datasheet
329Kb / 4P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
CD143A-SR28 BOURNS-CD143A-SR28 Datasheet
181Kb / 5P
   CD143A-SR2.8~3.3 - Steering/TVS Diode Array Series
REV. 08/20
logo
Littelfuse
SP3374NUTG LITTELFUSE-SP3374NUTG Datasheet
702Kb / 5P
   SP3374NUTG 3.3V 40A Diode Array
2019 Littelfuse, Inc
logo
Alpha & Omega Semicondu...
AOZ8304 AOSMD-AOZ8304 Datasheet
935Kb / 8P
   Low Capacitance 3.3V TVS Diode Array
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com