データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV742P データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV742P
部品情報  200-mA, Small Size, Low-Dropout Linear Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV742P データシート(HTML) 5 Page - Texas Instruments

  TLV742P Datasheet HTML 1Page - Texas Instruments TLV742P Datasheet HTML 2Page - Texas Instruments TLV742P Datasheet HTML 3Page - Texas Instruments TLV742P Datasheet HTML 4Page - Texas Instruments TLV742P Datasheet HTML 5Page - Texas Instruments TLV742P Datasheet HTML 6Page - Texas Instruments TLV742P Datasheet HTML 7Page - Texas Instruments TLV742P Datasheet HTML 8Page - Texas Instruments TLV742P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
TLV742P
www.ti.com
SBVS323 – SEPTEMBER 2017
Product Folder Links: TLV742P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Start-up time = time from EN assertion to 0.98 × VOUT.
6.5 Electrical Characteristics
at VIN = VOUT(NOM) + 0.5 V or 2 V (whichever is greater); IOUT = 1 mA, VEN = VIN, COUT = 0.47 μF, and TJ = –40°C to +85°C.
Typical values are at TJ = 25°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
range
2
5.5
V
VOUT
Output voltage
range
0.85
5
V
DC output
accuracy
0.5%
VOUT ≥ 0.85 V
–1.5%
1.5%
ΔVO(ΔVI)
Line regulation
1
5
mV
ΔVO(ΔIO)
Load regulation
0 mA
≤ IOUT ≤ 150 mA
10
20
mV
V(DO)
Dropout voltage
VIN = 0.98 × VOUT(NOM)
2 V < VOUT ≤ 2.4 V
IOUT = 30 mA
65
mV
IOUT = 150 mA
325
360
mV
2.4 V < VOUT ≤ 2.8 V
IOUT = 30 mA
50
mV
IOUT = 150 mA
250
300
mV
2.8 V < VOUT ≤ 3.3 V
IOUT = 30 mA
45
mV
IOUT = 150 mA
220
270
mV
3.3 V < VOUT ≤ 5 V
IOUT = 30 mA
40
mV
IOUT = 150 mA
200
250
mV
ICL
Output current
limit
VOUT = 0.9 × VOUT(NOM)
240
300
450
mA
I(GND)
Ground pin
current
IOUT = 0 mA
25
50
µA
I(EN)
EN pin current
VEN = 5.5 V
0.01
µA
ISHUTDOWN
Shutdown current
VEN ≤ 0.4 V
2 V
≤ VIN ≤ 4.5 V
1
µA
VIL(EN)
EN pin low-level
input voltage
(disable device)
0
0.4
V
VIH(EN)
EN pin high-level
input voltage
(enable device)
0.9
VIN
V
PSRR
Power-supply
rejection ratio
VIN = 3.3 V
VOUT = 2.8 V
IOUT = 30 mA
f = 100 Hz
70
dB
f = 10 kHz
55
f = 1 MHz
55
Vn
Output noise
voltage
BW = 100 Hz to 100 kHz,
VIN = 2.3 V
VOUT = 1.8 V
IOUT = 10 mA
45
µVRMS
tSTR
Startup time(1)
COUT = 1 µF
IOUT = 150 mA
100
µs
RPULLDOWN
Pulldown
resistance
(TLV742P only)
120
Ω
TJ
Operating
junction
temperature
–40
125
°C


同様の部品番号 - TLV742P

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
More results

同様の説明 - TLV742P

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com