データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV74211PDQNR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV74211PDQNR
部品情報  200-mA, Small Size, Low-Dropout Linear Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74211PDQNR データシート(HTML) 8 Page - Texas Instruments

Back Button TLV74211PDQNR Datasheet HTML 4Page - Texas Instruments TLV74211PDQNR Datasheet HTML 5Page - Texas Instruments TLV74211PDQNR Datasheet HTML 6Page - Texas Instruments TLV74211PDQNR Datasheet HTML 7Page - Texas Instruments TLV74211PDQNR Datasheet HTML 8Page - Texas Instruments TLV74211PDQNR Datasheet HTML 9Page - Texas Instruments TLV74211PDQNR Datasheet HTML 10Page - Texas Instruments TLV74211PDQNR Datasheet HTML 11Page - Texas Instruments TLV74211PDQNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
200
Output Current (mA)
1200
1000
800
600
400
200
0
20
40
60
80
100
120
140
160
180
85 C
°
25 C
°
-
°
40 C
2
5.5
Input Voltage (V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
85 C
°
25 C
°
-
°
40 C
2.5
3
3.5
4
4.5
5
-40
85
Temperature ( C)
°
40
35
30
25
20
15
10
5
0
-15
10
35
60
0
200
Output Current (mA)
1200
1000
800
600
400
200
0
20
40
60
80
100
120
140
160
180
85 C
°
25 C
°
-
°
40 C
-40
85
Temperature ( C)
°
40
35
30
25
20
15
10
5
0
-15
10
35
60
3.1
5.5
Input Voltage (V)
3.7
4.3
4.9
35
30
25
20
15
10
5
0
85 C
°
25 C
°
-
°
40 C
8
TLV742P
SBVS323 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TLV742P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TJ = –40°C to +85°C, VIN = VOUT(NOM) + 0.5 V or 2 V (whichever is greater), IOUT = 10 mA, VEN = VIN, and COUT = 1 µF
Typical values are at TJ = 25°C, (unless otherwise noted)
VOUT = 2.8 V, IOUT = 0 mA
Figure 13. Ground Pin Current vs Input Voltage
VOUT = 1.2 V, IOUT = 0 mA
Figure 14. Ground Pin Current vs Temperature
VOUT = 2.8 V, IOUT = 0 mA
Figure 15. Ground Pin Current vs Temperature
VOUT = 1.2 V
Figure 16. Ground Pin Current vs Output Current
VOUT = 2.8 V
Figure 17. Ground Pin Current vs Output Current
VOUT = 1.2 V
Figure 18. Shutdown Current vs Input Voltage


同様の部品番号 - TLV74211PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV74211PDQNR TI1-TLV74211PDQNR Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
More results

同様の説明 - TLV74211PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com