データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV755P データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV755P
部品情報  500-mA, Low IQ, Small Size, Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV755P データシート(HTML) 6 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 2Page - Texas Instruments TLV755P Datasheet HTML 3Page - Texas Instruments TLV755P Datasheet HTML 4Page - Texas Instruments TLV755P Datasheet HTML 5Page - Texas Instruments TLV755P Datasheet HTML 6Page - Texas Instruments TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments TLV755P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
TLV755P
SBVS320 – NOVEMBER 2017
www.ti.com
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (TJ = –40°C to +125°C), VIN = VOUT + 0.5 V or 1.44 V (whichever is greater), IOUT =
1 mA, VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted); all typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tSTR
Startup time
Time from EN assertion to 0.95 × VOUT
400
µs
VHI
EN pin high voltage
(enabled)
0.9
V
VLO
EN pin low voltage
(enabled)
0.4
V
IEN
Enable pin current
EN = 5.5 V, VIN = 5.5 V
10
nA
RPULLDOWN
Pulldown resistance
VIN = 3.3 V
120
Ω
TSD
Thermal shutdown
Shutdown, temperature increasing
165
°C
Reset, temperature decreasing
155


同様の部品番号 - TLV755P

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI-TLV755P Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
More results

同様の説明 - TLV755P

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com