データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV74227PDQNR データシート(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV74227PDQNR
部品情報  200-mA, Small Size, Low-Dropout Linear Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV74227PDQNR データシート(HTML) 2 Page - Texas Instruments

  TLV74227PDQNR Datasheet HTML 1Page - Texas Instruments TLV74227PDQNR Datasheet HTML 2Page - Texas Instruments TLV74227PDQNR Datasheet HTML 3Page - Texas Instruments TLV74227PDQNR Datasheet HTML 4Page - Texas Instruments TLV74227PDQNR Datasheet HTML 5Page - Texas Instruments TLV74227PDQNR Datasheet HTML 6Page - Texas Instruments TLV74227PDQNR Datasheet HTML 7Page - Texas Instruments TLV74227PDQNR Datasheet HTML 8Page - Texas Instruments TLV74227PDQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
TLV742P
SBVS323 – SEPTEMBER 2017
www.ti.com
Product Folder Links: TLV742P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Typical Characteristics .............................................. 6
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagrams ..................................... 13
7.3
Feature Description................................................. 13
7.4
Device Functional Modes........................................ 14
8
Application and Implementation ........................ 15
8.1
Application Information............................................ 15
8.2
Typical Application .................................................. 15
8.3
Do's and Don'ts ....................................................... 18
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 19
10.1
Layout Guidelines ................................................. 19
10.2
Layout Example .................................................... 20
10.3
Thermal Considerations ........................................ 20
10.4
Power Dissipation ................................................. 20
11
Device and Documentation Support ................. 21
11.1
Device Support .................................................... 21
11.2
Receiving Notification of Documentation Updates 21
11.3
Community Resources.......................................... 21
11.4
Trademarks ........................................................... 21
11.5
Electrostatic Discharge Caution ............................ 21
11.6
Glossary ................................................................ 21
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
September 2017
*
Initial release.


同様の部品番号 - TLV74227PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV74227PDQNR TI1-TLV74227PDQNR Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
More results

同様の説明 - TLV74227PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV742P TI1-TLV742P Datasheet
531Kb / 26P
[Old version datasheet]   200-mA, Small Size, Low-Dropout Linear Voltage Regulator
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_18 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com