データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DZ435N データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 DZ435N
部品情報  Pressure contact technology for high reliability
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

DZ435N データシート(HTML) 3 Page - Infineon Technologies AG

  DZ435N Datasheet HTML 1Page - Infineon Technologies AG DZ435N Datasheet HTML 2Page - Infineon Technologies AG DZ435N Datasheet HTML 3Page - Infineon Technologies AG DZ435N Datasheet HTML 4Page - Infineon Technologies AG DZ435N Datasheet HTML 5Page - Infineon Technologies AG DZ435N Datasheet HTML 6Page - Infineon Technologies AG DZ435N Datasheet HTML 7Page - Infineon Technologies AG DZ435N Datasheet HTML 8Page - Infineon Technologies AG DZ435N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Netz-Dioden-Modul
Rectifier Diode Module
Datenblatt / Data sheet
DZ435N
Date of Publication 2017-01-24
Revision 3.2
3/11
Seite/page
Mechanische Eigenschaften
Mit diesem Datenblatt werden Halbleiterbauelemente spezifiziert, jedoch keine Eigenschaften zugesichert. Sie gilt in
Verbindung mit den zugehörigen technischen Erläuterungen.
This data sheet specifies semiconductor devices, but promises no characteristics. It is valid in combination with the belonging
technical notes.
Mechanische Eigenschaften / Mechanical properties
Gehäuse, siehe Anlage
case, see annex
Seite 4
page 4
Si-Element mit Druckkontakt
Si-pellet with pressure contact
Innere Isolation
internal insulation
AlN
Anzugsdrehmoment für mechanische Anschlüsse
mounting torque
Toleranz ±15%
M1
5
Nm
Anzugsdrehmoment für elektrische Anschlüsse
terminal connection torque
Toleranz ±10%
M2
12
Nm
Gewicht
weight
G
typ.
900 g
Kriechstrecke
creepage distance
15 mm
Schwingfestigkeit
vibration resistance
f = 50 Hz
50 m/s²
file-No.
E 83335


同様の部品番号 - DZ435N

メーカー部品番号データシート部品情報
logo
eupec GmbH
DZ435N EUPEC-DZ435N Datasheet
259Kb / 10P
   Rectifier Diode Module
logo
Inchange Semiconductor ...
DZ435N40K ISC-DZ435N40K Datasheet
319Kb / 4P
   Rectifier Diode Module
More results

同様の説明 - DZ435N

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
DD600N INFINEON-DD600N Datasheet
347Kb / 10P
   Pressure contact technology for high reliability
2014-03-10 Revision 3.1
TZ800N INFINEON-TZ800N Datasheet
429Kb / 11P
   Pressure contact technology for high reliability
2014-04-16 Revision: 3.2
TZ860N16KOF INFINEON-TZ860N16KOF Datasheet
428Kb / 11P
   Pressure contact technology for high reliability
2014-04-11 Revision: 3.1
DD435N INFINEON-DD435N Datasheet
653Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT270N16KOF INFINEON-TT270N16KOF Datasheet
408Kb / 11P
   Pressure contact technology for high reliability
2014-12-18 Revision: 3.2
TT305N16KOF INFINEON-TT305N16KOF Datasheet
458Kb / 11P
   Pressure contact technology for high reliability
2012-11-05 Revision: 3.0
TT500N INFINEON-TT500N Datasheet
414Kb / 11P
   Pressure contact technology for high reliability
2016-11-25 Revision: 3.4
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
DD175N INFINEON-DD175N Datasheet
645Kb / 11P
   Pressure contact technology for high reliability
2016-09-27 Revision 3.0
TT260N22KOF INFINEON-TT260N22KOF Datasheet
373Kb / 11P
   Pressure contact technology for high reliability
2013-08-01 Revision: 3.1
TT251N INFINEON-TT251N Datasheet
431Kb / 11P
   Pressure contact technology for high reliability
2014-04-09 Revision: 3.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com