データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV75519PDQNT データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV75519PDQNT
部品情報  500-mA, Low IQ, Small Size, Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75519PDQNT データシート(HTML) 3 Page - Texas Instruments

  TLV75519PDQNT Datasheet HTML 1Page - Texas Instruments TLV75519PDQNT Datasheet HTML 2Page - Texas Instruments TLV75519PDQNT Datasheet HTML 3Page - Texas Instruments TLV75519PDQNT Datasheet HTML 4Page - Texas Instruments TLV75519PDQNT Datasheet HTML 5Page - Texas Instruments TLV75519PDQNT Datasheet HTML 6Page - Texas Instruments TLV75519PDQNT Datasheet HTML 7Page - Texas Instruments TLV75519PDQNT Datasheet HTML 8Page - Texas Instruments TLV75519PDQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1
OUT
6
IN
2
NC
5
NC
3
GND
4
EN
Not to scale
Thermal
Pad
1
IN
2
GND
3
EN
4
NC
5
OUT
Not to scale
1
OUT
2
GND
5
3
EN
4
IN
Not to scale
3
TLV755P
www.ti.com
SBVS320 – NOVEMBER 2017
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DQN Package
6-Pin X2SON
Top View
DBV Package
5-Pin SOT-23
Top View
DRV Package
6-Pin WSON With Exposed Thermal Pad
Top View
NC = no internal connection.
(1)
The nominal input and output capacitance must be greater than 0.47 µF; throughout this document the nominal derating on these
capacitors is 50%. Take care to ensure that the effective capacitance at the pin is greater than 0.47 µF.
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DQN
DBV
DRV
EN
3
3
4
I
Enable pin. Drive EN greater than VHI to turn on the regulator.
Drive EN less than VLO to place the LDO into shutdown mode.
GND
2
2
3
Ground pin.
IN
4
1
6
I
Input pin. A capacitor with a value of 1 µF or larger is required from this pin
to ground(1). See the Input and Output Capacitor Selection section for more
information.
NC
4
2, 5
No internal connection.
OUT
1
5
1
O
Regulated output voltage pin. A capacitor with a value of 1 µF or larger is
required from this pin to ground(1). See the Input and Output Capacitor
Selection section for more information.
Thermal
pad
Pad
Connect the thermal pad to a large-area ground plane.
The thermal pad is internally connected to GND.


同様の部品番号 - TLV75519PDQNT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV75519PDQNT TI1-TLV75519PDQNT Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75519PDQNT TI1-TLV75519PDQNT Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75519PDQNT TI1-TLV75519PDQNT Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75519PDQNT TI-TLV75519PDQNT Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TLV75519PDQNT TI1-TLV75519PDQNT Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
More results

同様の説明 - TLV75519PDQNT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com