データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV75525PDBVR データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV75525PDBVR
部品情報  500-mA, Low IQ, Small Size, Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75525PDBVR データシート(HTML) 5 Page - Texas Instruments

  TLV75525PDBVR Datasheet HTML 1Page - Texas Instruments TLV75525PDBVR Datasheet HTML 2Page - Texas Instruments TLV75525PDBVR Datasheet HTML 3Page - Texas Instruments TLV75525PDBVR Datasheet HTML 4Page - Texas Instruments TLV75525PDBVR Datasheet HTML 5Page - Texas Instruments TLV75525PDBVR Datasheet HTML 6Page - Texas Instruments TLV75525PDBVR Datasheet HTML 7Page - Texas Instruments TLV75525PDBVR Datasheet HTML 8Page - Texas Instruments TLV75525PDBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
TLV755P
www.ti.com
SBVS320 – NOVEMBER 2017
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
VIN = 1.44 V for VOUT < 0.9 V.
(2)
Dropout is measured when VOUT is 5% below VOUT(NOM).
6.5 Electrical Characteristics
over operating free-air temperature range (TJ = –40°C to +125°C), VIN = VOUT + 0.5 V or 1.44 V (whichever is greater), IOUT =
1 mA, VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted); all typical values are at TJ = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage
1.44
5.5
V
VOUT
Output voltage
0.6
5
V
Output accuracy
TJ = 25°C
–1%
1%
–40°C
≤ TJ ≤ +85°C, VOUT ≥ 1 V
–1%
1%
–40°C
≤ TJ ≤ +85°C, 0.6 V ≤ VOUT < 1 V
–10
10
mV
VOUT ≥ 1 V
–1.5%
1.5%
0.6 V
≤ VOUT < 1 V
–15
15
mV
VOUT)ΔVIN/
VOUT
Line regulation
VOUT + 0.5 V
(1) ≤ V
IN ≤ 5.5 V
VOUT > 1.5 V
0.01%
ΔVOUT/
ΔIOUT
Load regulation
0.1 mA
≤ IOUT ≤ 500 mA,
VIN ≥ 2.4 V
DQN package
0.018
V/A
DBV package
0.030
DRV package
0.022
IGND
Ground current
TJ = 25°C, IOUT = 0 mA
14
25
31
µA
–40°C
≤ TJ ≤ +85°C, IOUT = 0 mA
33
–40°C
≤ TJ ≤ +125°C, IOUT = 0 mA
40
ISHDN
Shutdown current
VEN= 0 V, 1.44 V ≤ VIN ≤ 5.5 V, –40°C ≤ TJ ≤ +125°C
0.1
1
µA
ICL
Output current limit
VIN = VOUT + VDO(MAX) + 0.25 V
VOUT = VOUT – 0.2 V,
VOUT ≤ 1.5 V
600
720
865
mA
VOUT = 0.9 × VOUT,
1.5 V < VOUT ≤ 4.5 V
600
720
865
ISC
Short-circuit current
limit
VOUT = 0 V
355
mA
VDO
Dropout voltage(2)
IOUT = 500 mA,
–40°C
≤ TJ ≤ +85°C
0.6 V
≤ VOUT < 0.8 V
675
700
mV
0.8 V
≤ VOUT < 1 V
600
650
1 V
≤ VOUT < 1.2 V
550
575
1.2 V
≤ VOUT < 1.5 V
500
525
1.5 V
≤ VOUT < 1.8 V
350
400
1.8 V
≤ VOUT < 2.5 V
325
375
2.5 V
≤ VOUT < 3.3 V
250
300
3.3 V
≤ VOUT ≤ 5.0 V
150
212
IOUT = 500 mA,
–40°C
≤ TJ ≤ +125°C
0.6 V
≤ VOUT < 0.8 V
725
0.8 V
≤ VOUT < 1 V
675
1 V
≤ VOUT < 1.2 V
600
1.2 V
≤ VOUT < 1.5 V
550
1.5 V
≤ VOUT < 1.8 V
425
1.8 V
≤ VOUT < 2.5 V
400
2.5 V
≤ VOUT < 3.3 V
325
3.3 V
≤ VOUT ≤ 5.0 V
238
PSRR
Power-supply rejection
ratio
f = 1 kHz, VIN = VOUT + 1 V, IOUT = 50 mA
52
dB
f = 100 kHz, VIN = VOUT + 1 V, IOUT = 50 mA
46
f = 1 MHz, VIN = VOUT + 1 V, IOUT = 50 mA
52
Vn
Output noise voltage
BW = 10 Hz to 100 kHz, VOUT = 1.2 V, IOUT = 50 mA
71.5
µVRMS
VUVLO
Undervoltage lockout
VIN rising
1.21
1.3
1.44
V
VUVLO, HYST
Undervoltage lockout
hysteresis
VIN falling
40
mV


同様の部品番号 - TLV75525PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV75525PDBVR TI1-TLV75525PDBVR Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75525PDBVR TI1-TLV75525PDBVR Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75525PDBVR TI1-TLV75525PDBVR Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75525PDBVR TI-TLV75525PDBVR Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TLV75525PDBVR TI1-TLV75525PDBVR Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
More results

同様の説明 - TLV75525PDBVR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com