データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV75530PDQNR データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV75530PDQNR
部品情報  500-mA, Low IQ, Small Size, Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75530PDQNR データシート(HTML) 7 Page - Texas Instruments

Back Button TLV75530PDQNR Datasheet HTML 3Page - Texas Instruments TLV75530PDQNR Datasheet HTML 4Page - Texas Instruments TLV75530PDQNR Datasheet HTML 5Page - Texas Instruments TLV75530PDQNR Datasheet HTML 6Page - Texas Instruments TLV75530PDQNR Datasheet HTML 7Page - Texas Instruments TLV75530PDQNR Datasheet HTML 8Page - Texas Instruments TLV75530PDQNR Datasheet HTML 9Page - Texas Instruments TLV75530PDQNR Datasheet HTML 10Page - Texas Instruments TLV75530PDQNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Time (ms)
0
1
2
3
4
5
6
7
8
9
10
0
1
2
3
4
5
6
VIN
VOUT
Time (Ps)
0
40
80 120 160 200 240 280 320 360 400 440 480
3.2
0
3.225
80
3.25
160
3.275
240
3.3
320
3.325
400
3.35
480
3.375
560
3.4
640
VOUTP
IOUTP
Time (ms)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
1
2
3
4
5
6
VIN
VOUT
Frequency (Hz)
0
20
40
60
80
100
10
100
1k
10k
100k
1M
10M
IOUT = 10 mA
IOUT = 50 mA
IOUT = 100 mA
IOUT = 500 mA
Time (ms)
0
20
40
50
0
3.28
1
3.288
2
3.296
3
3.304
4
3.312
5
3.32
6
3.328
VIN
VOUT
7
TLV755P
www.ti.com
SBVS320 – NOVEMBER 2017
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.6 Typical Characteristics
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.4 V (whichever is greater), IOUT = 1 mA, VEN = VIN, and CIN =
COUT = 1 µF (unless otherwise noted)
VIN = 4.3 V, VOUT = 3.3 V, COUT = 1 µF
Figure 1. PSRR vs Frequency and IOUT
VOUT = 3.3 V, COUT = 1 µF, VIN slew rate = 1 V/µs
Figure 2. Line Transient
VIN = 4.3 V, VOUT = 3.3 V, COUT = 1 µF, IOUT slew rate = 1 A/µs
Figure 3. 1-mA to 500-mA Load Transient
Figure 4. VIN = VEN Power-Up
Figure 5. VIN = VEN Shutdown


同様の部品番号 - TLV75530PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV75530PDQNR TI1-TLV75530PDQNR Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75530PDQNR TI1-TLV75530PDQNR Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75530PDQNR TI1-TLV75530PDQNR Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75530PDQNR TI-TLV75530PDQNR Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TLV75530PDQNR TI1-TLV75530PDQNR Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
More results

同様の説明 - TLV75530PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com