データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV75530PDQNR データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV75530PDQNR
部品情報  500-mA, Low IQ, Small Size, Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75530PDQNR データシート(HTML) 1 Page - Texas Instruments

  TLV75530PDQNR Datasheet HTML 1Page - Texas Instruments TLV75530PDQNR Datasheet HTML 2Page - Texas Instruments TLV75530PDQNR Datasheet HTML 3Page - Texas Instruments TLV75530PDQNR Datasheet HTML 4Page - Texas Instruments TLV75530PDQNR Datasheet HTML 5Page - Texas Instruments TLV75530PDQNR Datasheet HTML 6Page - Texas Instruments TLV75530PDQNR Datasheet HTML 7Page - Texas Instruments TLV75530PDQNR Datasheet HTML 8Page - Texas Instruments TLV75530PDQNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
IINRUSH
200 mA/div
VOUT
1 V/div
VIN
1 V/div
TLV755P
IN
EN
OUT
GND
COUT
CIN
ON
OFF
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TLV755P
SBVS320 – NOVEMBER 2017
TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
1
1 Features
1
Input Voltage Range: 1.44 V to 5.5 V
Available in Fixed-Output Voltages:
0.6 V to 5 V (50-mV Steps)
Low IQ: 25 µA (Typical)
Low Dropout:
220 mV (Maximum) at 500 mA (3.3 VOUT)
Output Accuracy: 1% (Typical)
Built-In Soft-Start With Monotonic VOUT Rise
Foldback Current Limit
Active Output Discharge
High PSRR: 45 dB at 100 kHz
Stable With a 1-µF Ceramic Output Capacitor
Packages:
2.9-mm × 1.6-mm SOT-23-5
1-mm x 1-mm X2SON-4
2 mm × 2 mm WSON-6
2 Applications
Set-Top Boxes, TV, and Gaming Consoles
Portable and Battery-Powered Equipment
Desktop, Notebooks, and Ultrabooks
Tablets and Remote Controls
White Goods and Appliances
Grid Infrastructure and Protection Relays
Camera Modules and Image Sensors
3 Description
The TLV755P low-dropout regulator (LDO) device is
an ultra-small, low quiescent current LDO that
sources 500 mA with good line and load transient
performance. The TLV755P is optimized for a wide
variety of applications by supporting an input voltage
range from 1.44 V to 5.5 V. To minimize cost and
solution size, the device is offered in fixed output
voltages ranging from 0.6 V to 5 V to support the
lower
core
voltages
of
modern
microcontroller
(MCUs). Additionally, the TLV755 has a low IQ with
enable functionality to minimize standby power. This
device features an internal soft-start to lower inrush
current, thus providing a controlled voltage to the load
and minimizing the input voltage drop during start up.
When shutdown, the device actively pulls down the
output to quickly discharge the outputs and ensure a
known start-up state.
The TLV755P is stable with small ceramic output
capacitors allowing for a small overall solution size. A
precision band-gap and error amplifier provides a
typical accuracy of 1%. All device versions have
integrated
thermal
shutdown,
current
limit,
and
undervoltage lockout (UVLO). The TLV755P has an
internal foldback current limit that helps reduce the
thermal dissipation during short-circuit events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLV755P
X2SON (4)
1.00 mm × 1.00 mm
SOT-23 (5)
2.90 mm × 1.60 mm
SON (6)
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application
Startup Waveform


同様の部品番号 - TLV75530PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV75530PDQNR TI1-TLV75530PDQNR Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75530PDQNR TI1-TLV75530PDQNR Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75530PDQNR TI1-TLV75530PDQNR Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75530PDQNR TI-TLV75530PDQNR Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TLV75530PDQNR TI1-TLV75530PDQNR Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
More results

同様の説明 - TLV75530PDQNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com