データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV75533PDQNT データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV75533PDQNT
部品情報  500-mA, Low IQ, Small Size, Low Dropout Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TLV75533PDQNT データシート(HTML) 10 Page - Texas Instruments

Back Button TLV75533PDQNT Datasheet HTML 6Page - Texas Instruments TLV75533PDQNT Datasheet HTML 7Page - Texas Instruments TLV75533PDQNT Datasheet HTML 8Page - Texas Instruments TLV75533PDQNT Datasheet HTML 9Page - Texas Instruments TLV75533PDQNT Datasheet HTML 10Page - Texas Instruments TLV75533PDQNT Datasheet HTML 11Page - Texas Instruments TLV75533PDQNT Datasheet HTML 12Page - Texas Instruments TLV75533PDQNT Datasheet HTML 13Page - Texas Instruments TLV75533PDQNT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
10
TLV755P
SBVS320 – NOVEMBER 2017
www.ti.com
Product Folder Links: TLV755P
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
All table conditions must be met.
(2)
The device is disabled when any condition is met.
7.4 Device Functional Modes
Table 1 lists a comparison between the normal, dropout, and disabled modes of operation.
Table 1. Device Functional Modes Comparison
OPERATING MODE
PARAMETER
VIN
EN
IOUT
TJ
Normal(1)
VIN > VOUT(NOM) + VDO
VEN > VHI
IOUT < ICL
TJ < TSD
Dropout(1)
VIN < VOUT(NOM) + VDO
VEN > VHI
TJ < TSD
Disabled(2)
VIN < VUVLO
VEN < VLO
TJ > TSD
7.4.1 Normal Operation
The device regulates to the nominal output voltage when all following conditions are met:
The input voltage is greater than the nominal output voltage plus the dropout voltage (VOUT(NOM) + VDO)
The enable voltage has previously exceeded the enable rising threshold voltage and has not decreased
below the enable falling threshold
The output current is less than the current limit (IOUT < ICL)
The device junction temperature is less than the thermal shutdown temperature (TJ < TSD)
7.4.2 Dropout Operation
If the input voltage is lower than the nominal output voltage plus the specified dropout voltage, but all other
conditions are met for normal operation, the device operates in dropout. In this mode, the output voltage tracks
the input voltage. During this mode, the transient performance of the device degrades because the pass device
is in a triode state and no longer controls the current through the LDO. Line or load transients in dropout can
result in large output-voltage deviations.
When the device is in a steady dropout state (defined as when the device is in dropout, VIN < VOUT(NOM) + VDO,
right after being in a normal regulation state, but not during startup), the pass-FET is driven as hard as possible
when the control loop is out of balance. During the normal time required for the device to regain regulation, VIN
VOUT(NOM) + VDO, VOUT can overshoot VOUT(NOM) during fast transients.
7.4.3 Disabled
The output is shut down by forcing the enable pin below VLO. When disabled, the pass device is turned off,
internal circuits are shut down, and the output voltage is actively discharged to ground by an internal switch from
the output to ground. The active pulldown resistor is on when sufficient input voltage is provided.


同様の部品番号 - TLV75533PDQNT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV75533PDQNT TI1-TLV75533PDQNT Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75533PDQNT TI1-TLV75533PDQNT Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75533PDQNT TI1-TLV75533PDQNT Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV75533PDQNT TI-TLV75533PDQNT Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
TLV75533PDQNT TI1-TLV75533PDQNT Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
More results

同様の説明 - TLV75533PDQNT

メーカー部品番号データシート部品情報
logo
Texas Instruments
TLV755P_1808 TI1-TLV755P_1808 Datasheet
2Mb / 47P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_19 Datasheet
2Mb / 42P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P_1807 TI1-TLV755P_1807 Datasheet
2Mb / 41P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P Datasheet
1Mb / 28P
[Old version datasheet]   500-mA, Low IQ, Small Size, Low Dropout Regulator
TLV755P TI1-TLV755P_V02 Datasheet
2Mb / 45P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED NOVEMBER 2023
TLV755P TI-TLV755P_V01 Datasheet
2Mb / 44P
[Old version datasheet]   TLV755P 500-mA, Low IQ, Small Size, Low Dropout Regulator
REVISED MAY 2018
logo
ON Semiconductor
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com