データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFPF60SA60DS データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FFPF60SA60DS
部品情報  StealthTM Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF60SA60DS データシート(HTML) 2 Page - Fairchild Semiconductor

  FFPF60SA60DS Datasheet HTML 1Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 2Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 3Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 4Page - Fairchild Semiconductor FFPF60SA60DS Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev. A, October 2004
©2004 Fairchild Semiconductor Corporation
Electrical Characteristics (per leg) T
C=25 °C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Typical Characteristics
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
IF = 8A
IF = 8A
TC = 25 °C
TC = 125 °C
-
-
2.0
1.6
2.4
2.0
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 125 °C
-
-
-
-
100
1000
µA
trr
Maximum Reverse Recovery Time
(IF =1A, di/dt = 100A/µs, VR = 30V)
-
-
25
ns
trr
Maximum Reverse Recovery Time
(IF =8A, di/dt = 100A/µs, VR = 30V)
-
-
30
ns
trr
Irr
Qrr
Reverse Recovery Time
Reverse Recovery Current
Reverse Recovery Charge
(IF =8A, di/dt = 200A/µs, VR = 390V)
-
-
-
39
2
39
-
-
-
ns
A
nC
Figure 1.
Typical Forward Voltage Drop
vs. Forward Current
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
vs. di/dt
0.1
1
10
0.5
1.0
1.5
2.0
2.5
T
C
= 150
oC
T
C
= 125
oC
T
C
= 25
oC
T
C
= 100
oC
Forward Voltage , V
F
[V]
0
50
100 150 200 250 300 350 400 450 500 550 600
0.001
0.1
1
10
100
T
C
= 150
oC
T
C
= 125
oC
T
C
= 100
oC
T
C
= 25
oC
Reverse Voltage , V
R
[V]
0.1
1
10
100
50
100
150
200
Typical Capacitance
at 0V = 169.3 pF
Reverse Voltage , V
R
[V]
100
200
300
400
500
600
26
28
30
32
34
36
38
40
42
44
I
F
= 8A
Tc = 25
oC
di/dt [A/
µs]


同様の部品番号 - FFPF60SA60DS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
75Kb / 5P
   Stealth Rectifier
FFPF60SA60DS FAIRCHILD-FFPF60SA60DS Datasheet
3Mb / 5P
   6 A, 600 V, STEALTH Dual Diode
logo
Thinki Semiconductor Co...
FFPF60SA60DS THINKISEMI-FFPF60SA60DS Datasheet
3Mb / 3P
   16Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
logo
Fairchild Semiconductor
FFPF60SA60DSTU FAIRCHILD-FFPF60SA60DSTU Datasheet
3Mb / 5P
   6 A, 600 V, STEALTH Dual Diode
logo
Thinki Semiconductor Co...
FFPF60SA60DSTU THINKISEMI-FFPF60SA60DSTU Datasheet
3Mb / 3P
   16Amperes,600Volts Insulated Dual Series Connection Ultra Fast Soft Recovery Rectifiers
More results

同様の説明 - FFPF60SA60DS

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFP08S60S FAIRCHILD-FFP08S60S_07 Datasheet
139Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF15S60S FAIRCHILD-FFPF15S60S Datasheet
241Kb / 5P
   15A, 600V STEALTHTM II Rectifier
FFPF60SB60DS FAIRCHILD-FFPF60SB60DS Datasheet
264Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_12 Datasheet
294Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFP30S60S FAIRCHILD-FFP30S60S_12 Datasheet
511Kb / 6P
   30A, 600V STEALTHTM II Rectifier
FFP08S60SN FAIRCHILD-FFP08S60SN Datasheet
281Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFPF04S60S FAIRCHILD-FFPF04S60S Datasheet
238Kb / 5P
   4A, 600V STEALTHTM II Rectifier
FFPF08S60SN FAIRCHILD-FFPF08S60SN Datasheet
153Kb / 5P
   8A, 600V STEALTHTM II Rectifier
FFD08S60S FAIRCHILD-FFD08S60S Datasheet
498Kb / 5P
   STEALTHTM II Rectifier 8A, 600V Stealth2 Rectifier
FFPF08S60ST FAIRCHILD-FFPF08S60ST_14 Datasheet
361Kb / 5P
   8 A, 600 V STEALTHTM II Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com