データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM809 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FM809
部品情報  3-Pin UC Supervisor Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM809 データシート(HTML) 1 Page - Fairchild Semiconductor

  FM809 Datasheet HTML 1Page - Fairchild Semiconductor FM809 Datasheet HTML 2Page - Fairchild Semiconductor FM809 Datasheet HTML 3Page - Fairchild Semiconductor FM809 Datasheet HTML 4Page - Fairchild Semiconductor FM809 Datasheet HTML 5Page - Fairchild Semiconductor FM809 Datasheet HTML 6Page - Fairchild Semiconductor FM809 Datasheet HTML 7Page - Fairchild Semiconductor FM809 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
October 2002
FM809/810 Rev. F
FM809/810
3-Pin µC Supervisor Circuits
General Description
The FM809/810 are supervisor circuits that monitor power
supply or other system voltages and issue reset pulse whenever
the voltage being monitored is out of tolerance. Once asserted,
the reset pulse is guaranteed to be valid for a minimum of
140ms (256ms typical). FM809xx offers active low push-pull
type of reset while FM810xx offers active high push-pull type.
Several threshold voltages are offered to accommodate 5.0V,
3.3V, 3.0V and 2.7V system voltages.
The low supply current (typically 2 µA)recommends FM809/810
devices for portable designs or wherever power saving is
primary.
These devices are offered in space saving 3-pin SOT23 and
SC70 packages.
Features
I VTH voltages of 4.63V, 4.38V, 4.00V, 3.08V, 2.93V and 2.63V
I RESET (FM809) or RESET (FM810) output
I 140ms power-on RESET delay (minimum)
I RESET operation guaranteed to 1.0V
I Supply current only 2µA
I No external components
I Operating Range
– -40°C to +105°C (SOT23)
– -40°C to +85°C (SC70)
I SOT23-3 and SC70-3 packages
Applications
I Microcontrollers and Microprocessors
I Appliances
I Power-Supply Monitoring
I Portable Equipment
I Automotive Systems
Typical Operating Circuit
Connection Diagram
FM809
µC
GND
VCC
VCC
GND
RESET
I/P
RESET
VCC
3
GND
RESET (809) or
RESET (810)
1
2
FM809/810
SOT23-3 & SC70-3Packages


同様の部品番号 - FM809

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809JP3X FAIRCHILD-FM809JP3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809JS3X FAIRCHILD-FM809JS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809LP3X FAIRCHILD-FM809LP3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
More results

同様の説明 - FM809

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FMFFM1233AC FAIRCHILD-FMFFM1233AC Datasheet
66Kb / 7P
   3-Pin uC Supervisor Circuit
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
logo
Sipex Corporation
SP809 SIPEX-SP809 Datasheet
181Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Exar Corporation
SP809EK-L-2-3 EXAR-SP809EK-L-2-3 Datasheet
474Kb / 8P
   3 Pin Microprocessor Supervisor Circuit
logo
Texas Instruments
TLV809 TI1-TLV809 Datasheet
929Kb / 20P
[Old version datasheet]   3-Pin Supply Voltage Supervisor
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
   3-Pin Microcontroller Power Supply Supervisor
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
   3-Pin Microcontroller Power Supply Supervisor
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com