データシートサーチシステム |
|
KA78LXXA データシート(PDF) 2 Page - Fairchild Semiconductor |
|
KA78LXXA データシート(HTML) 2 Page - Fairchild Semiconductor |
2 / 18 page KA78LXXA/KA78L05AA 2 Absolute Maximum Ratings Electrical Characteristics(KA78L05A) (VI = 10V, IO = 40mA, 0 °C ≤ TJ ≤ 125°C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note1) Note: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Value Unit Input Voltage (for VO = 5V, 8V) (for VO = 12V to 18V) (for VO = 24V VI 30 35 40 V V V Operating Junction Temperature Range TJ 0 ~ +150 °C Storage Temperature Range TSTG -65 ~ +150 °C Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25 °C 4.8 5.0 5.2 V Line Regulation (Note1) ∆VO TJ = 25 °C 7V ≤ VI ≤ 20V - 8 150 mV 8V ≤ VI ≤ 20V - 6 100 mV Load Regulation (Note1) ∆VO TJ = 25 °C 1mA ≤ IO ≤ 100mA - 11 60 mV 1mA ≤ IO ≤ 40mA - 5.0 30 mV Output Voltage VO 7V ≤ VI ≤ 20V 1mA ≤ IO ≤ 40mA - - 5.25 V 7V ≤VI ≤ VMAX (Note2) 1mA ≤ IO ≤ 70mA 4.75 - 5.25 V Quiescent Current IQ TJ = 25 °C- 2.0 5.5 mA Quiescent Current Change With Line ∆IQ 8V ≤VI ≤ 20V - - 1.5 mA With Load ∆IQ 1mA ≤ IO ≤ 40 mA - - 0.1 mA Output Noise Voltage VN TA = 25 °C, 10Hz ≤ f ≤ 100kHz - 40 - µV/Vo Temperature Coefficient of VO ∆VO/∆TIO = 5mA - -0.65 - mV/ °C Ripple Rejection RR f = 120Hz, 8V ≤ VI ≤ 18V, TJ = 25°C41 80 - dB Dropout Voltage VD TJ = 25 °C- 1.7 - V |
同様の部品番号 - KA78LXXA |
|
同様の説明 - KA78LXXA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |