データシートサーチシステム |
|
KA78L10AZTA データシート(PDF) 10 Page - Fairchild Semiconductor |
|
KA78L10AZTA データシート(HTML) 10 Page - Fairchild Semiconductor |
10 / 18 page KA78LXXA/KA78L05AA 10 Electrical Characteristics(KA78L24A) (Continued) (VI = 33V, IO = 40mA, 0 °C ≤ TJ ≤ 125°C, CI = 0.33 µF, CO = 0.1µF, unless otherwise specified. (Note1) Note: 1. The maximum steady state usable output current and input voltage are very dependent on the heat sinking and/or lead length of the package. The data above represent pulse test conditions with junction temperature as indicated at the initiation of tests. 2. Power dissipation PD ≤ 0.75W. Parameter Symbol Conditions Min. Typ. Max. Unit Output Voltage VO TJ = 25 °C 232425 V Line Regulation (Note1) ∆VO TJ = 25 °C 27V ≤ VI ≤ 38V - 160 300 mV 28V ≤ VI ≤ 38V - 150 250 mV Load Regulation (Note1) ∆VO TJ = 25 °C 1mA ≤ IO ≤ 100mA - 40 200 mV 1mA ≤ IO ≤ 40mA - 20 100 mV Output Voltage VO 27V ≤ VI ≤ 38V 1mA ≤ IO ≤ 40mA 22.8 - 25.2 V 27V ≤ VI ≤ VMAX (Note2) 1mA ≤ IO ≤ 70mA 22.8 - 25.2 V Quiescent Current IQ TJ = 25 °C- 2.2 6.0 mA Quiescent Current Change With Line ∆IQ 28V ≤ VI ≤ 38V - - 1.5 mA With Load ∆IQ 1mA ≤ IO ≤ 40mA - - 0.1 mA Output Noise Voltage VN TA = 25 °C, 10Hz ≤ f ≤ 100kHz - 200 - µV/Vo Temperature Coefficient of VO ∆VO/∆TIO = 5mA - -2.0 - mV/ °C Ripple Rejection RR f = 120Hz, 28V ≤ VI ≤ 38V, TJ = 25°C34 45 - dB Dropout Voltage VD TJ = 25 °C- 1.7 - V |
同様の部品番号 - KA78L10AZTA |
|
同様の説明 - KA78L10AZTA |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |