データシートサーチシステム |
|
MC79L12ACPRPG データシート(PDF) 3 Page - ON Semiconductor |
|
MC79L12ACPRPG データシート(HTML) 3 Page - ON Semiconductor |
3 / 10 page MC79L00A Series www.onsemi.com 3 ELECTRICAL CHARACTERISTICS (VI = −19 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB), 0 °C < TJ < +125°C (for MC79LXXAC)). MC79L12AC, AB Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = +25°C) VO −11.5 −12 −12.5 Vdc Input Regulation (TJ = +25°C) −14.5 Vdc ≥ VI ≥ −27 Vdc −16 Vdc ≥ VI ≥ −27 Vdc Regline − − − − 250 200 mV Load Regulation TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA 1.0 mA ≤ IO ≤ 40 mA Regload − − − − 100 50 mV Output Voltage −14.5 Vdc ≥ VI ≥ −27 Vdc, 1.0 mA ≤ IO ≤ 40 mA VI = −19 Vdc, 1.0 mA ≤ IO ≤ 70 mA VO −11.4 −11.4 − − −12.6 −12.6 Vdc Input Bias Current (TJ = +25°C) (TJ = +125°C) IIB − − − − 6.5 6.0 mA Input Bias Current Change −16 Vdc ≥ VI ≥ −27 Vdc 1.0 mA ≤ IO ≤ 40 mA IIB − − − − 1.5 0.2 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) Vn − 80 − mV Ripple Rejection (−15 ≤ VI ≤ −25 Vdc, f = 120 Hz, TJ = +25°C) RR 37 42 − dB Dropout Voltage (IO = 40 mA, TJ = +25°C) |VI−VO| − 1.7 − Vdc Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. ELECTRICAL CHARACTERISTICS (VI = −23 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ +125°C (for MC79LXXAB), 0 °C < TJ < +125°C (for MC79LXXAC)). MC79L15AC, AB Characteristics Symbol Min Typ Max Unit Output Voltage (TJ = +25°C) VO −14.4 −15 −15.6 Vdc Input Regulation (TJ = +25°C) −17.5 Vdc ≥ VI ≥ −30 Vdc −20 Vdc ≥ VI ≥ −30 Vdc Regline − − − − 300 250 mV Load Regulation TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA 1.0 mA ≤ IO ≤ 40 mA Regload − − − − 150 75 mV Output Voltage −17.5 Vdc ≥ VI ≥ −Vdc, 1.0 mA ≤ IO ≤ 40 mA VI = −23 Vdc, 1.0 mA ≤ IO ≤ 70 mA VO −14.25 −14.25 − − −15.75 −15.75 Vdc Input Bias Current (TJ = +25°C) (TJ = +125°C) IIB − − − − 6.5 6.0 mA Input Bias Current Change −20 Vdc ≥ VI ≥ −30 Vdc 1.0 mA ≤ IO ≤ 40 mA DIIB − − − − 1.5 0.1 mA Output Noise Voltage (TA = +25°C, 10 Hz ≤ f ≤ 100 kHz) VN − 90 − mV Ripple Rejection (−18.5 ≤ VI ≤ −28.5 Vdc, f = 120 Hz) RR 34 39 − dB Dropout Voltage IO = 40 mA, TJ = +25°C |VI−VO| − 1.7 − Vdc Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. |
同様の部品番号 - MC79L12ACPRPG |
|
同様の説明 - MC79L12ACPRPG |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |