データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC79L18ACPG データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC79L18ACPG
部品情報  100 mA Negative Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC79L18ACPG データシート(HTML) 5 Page - ON Semiconductor

  MC79L18ACPG Datasheet HTML 1Page - ON Semiconductor MC79L18ACPG Datasheet HTML 2Page - ON Semiconductor MC79L18ACPG Datasheet HTML 3Page - ON Semiconductor MC79L18ACPG Datasheet HTML 4Page - ON Semiconductor MC79L18ACPG Datasheet HTML 5Page - ON Semiconductor MC79L18ACPG Datasheet HTML 6Page - ON Semiconductor MC79L18ACPG Datasheet HTML 7Page - ON Semiconductor MC79L18ACPG Datasheet HTML 8Page - ON Semiconductor MC79L18ACPG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC79L00A Series
www.onsemi.com
5
APPLICATIONS INFORMATION
Design Considerations
The MC79L00A Series of fixed voltage regulators are
designed with Thermal Overload Protections that shuts
down the circuit when subjected to an excessive power
overload condition, Internal Short Circuit Protection that
limits the maximum current the circuit will pass.
In
many
low
current
applications,
compensation
capacitors are not required. However, it is recommended
that the regulator input be bypassed with a capacitor if the
regulator is connected to the power supply filter with long
wire length, or if the output load capacitance is large. An
input bypass capacitor should be selected to provide good
high−frequency characteristics to insure stable operation
under all load conditions. A 0.33
mF or larger tantalum,
mylar, or other capacitor having low internal impedance at
high frequencies should be chosen. The bypass capacitor
should be mounted with the shortest possible leads directly
across the regulator’s input terminals. Normally good
construction techniques should be used to minimize ground
loops and lead resistance drops since the regulator has no
external
sense lead. Bypassing the output is also
recommended.
Figure 2. Positive and Negative Regulator
Figure 3. Standard Application
+Vin
+VO
0.1
mF
-Vin
-VO
0.33
mF
MC78LXX
MC79LXX
0.1
mF
0.33
mF
Input
Output
CO**
0.1
mF
CI*
0.33
mF
MC79LXX
A common ground is required between the input and the output
voltages. The input voltage must remain typically 2.0 V above
the output voltage even during the low point on the ripple voltage.
* CI is required if regulator is located an appreciable
* distance from the power supply filter
** CO improves stability and transient response.


同様の部品番号 - MC79L18ACPG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC79L18ACPG ONSEMI-MC79L18ACPG Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
More results

同様の説明 - MC79L18ACPG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC79L00 ONSEMI-MC79L00_06 Datasheet
105Kb / 11P
   100 mA Negative Voltage Regulators
October, 2006 ??Rev. 8
MC79L00 ONSEMI-MC79L00 Datasheet
78Kb / 8P
   100 mA Negative Voltage Regulators
January, 2002 ??Rev. 4
MC79L12ACDR2G ONSEMI-MC79L12ACDR2G Datasheet
133Kb / 11P
   100 mA Negative Voltage Regulators
May, 2008 ??Rev. 9
logo
Suntac Electronic Corp.
STC79L00 SUNTAC-STC79L00 Datasheet
407Kb / 6P
   100 mA Negative Voltage Regulators
logo
ON Semiconductor
MC79M08BDTG ONSEMI-MC79M08BDTG Datasheet
141Kb / 9P
   500 mA Negative Voltage Regulators
July, 2013 ??Rev. 15
MC79M00 ONSEMI-MC79M00 Datasheet
97Kb / 8P
   500 mA Negative Voltage Regulators
August, 2006 ??Rev. 11
logo
List of Unclassifed Man...
GM78L00 ETC1-GM78L00 Datasheet
140Kb / 7P
   100 mA POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
MC78L00A ONSEMI-MC78L00A_V01 Datasheet
360Kb / 19P
   Positive Voltage Regulators 100 mA
August, 2021 - Rev. 20
NCV78L00A ONSEMI-NCV78L00A Datasheet
125Kb / 16P
   100 mA Positive Voltage Regulators
May, 2005 ??Rev. 10
MC78L00A ONSEMI-MC78L00A_15 Datasheet
123Kb / 15P
   100 mA Positive Voltage Regulators
September, 2015 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com