データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FZT957 データシート(PDF) 1 Page - Diodes Incorporated

部品番号 FZT957
部品情報  PNP MEDIUM POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT957 データシート(HTML) 1 Page - Diodes Incorporated

  FZT957_16 Datasheet HTML 1Page - Diodes Incorporated FZT957_16 Datasheet HTML 2Page - Diodes Incorporated FZT957_16 Datasheet HTML 3Page - Diodes Incorporated FZT957_16 Datasheet HTML 4Page - Diodes Incorporated FZT957_16 Datasheet HTML 5Page - Diodes Incorporated FZT957_16 Datasheet HTML 6Page - Diodes Incorporated FZT957_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FZT957
Datasheet Number: DS33191 Rev. 7 - 2
1 of 7
www.diodes.com
December 2016
© Diodes Incorporated
FZT957
300V PNP MEDIUM POWER TRANSISTOR IN SOT223
Features
BVCEO > -300V
IC = -1A High Continuous Collector Current
ICM = -2A Peak Pulse Current
Low Saturation Voltage VCE(sat) < -240mV @ -1A
hFE Specified up to -2A for a High Gain Hold-Up
Complementary NPN Type: FZT857
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT223
Case Material: Molded P
lastic. “Green” Molding Compound;
UL Flammability Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.112 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
FZT957TA
AEC-Q101
FZT957
7
12
1,000
FZT957TC
AEC-Q101
FZT957
13
12
4,000
FZT957QTC
Automotive
FZT957
13
12
4,000
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
SOT223
Top View
Device Symbol
Top View
Pin-Out
Green
C
E
B
FZT 957 = Product Type Marking Code
YWW = Date Code Marking
Y or Y = Last Digit of Year (ex: 6= 2016)
WW or WW = Week Code (01~53)
FZT
957
SOT223


同様の部品番号 - FZT957_16

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
FZT957 DIODES-FZT957_15 Datasheet
788Kb / 7P
   300V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

同様の説明 - FZT957_16

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Aug 04
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
   PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
   Medium Power PNP Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
   PNP medium power Transistor
logo
Chenmko Enterprise Co. ...
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
   PNP Medium Power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
   PNP medium power transistor
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
   PNP medium power transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
   PNP Medium Power Transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
   PNP Medium Power Transistor
logo
NXP Semiconductors
BC369 PHILIPS-BC369 Datasheet
44Kb / 8P
   PNP medium power transistor
1999 Apr 26
logo
STMicroelectronics
STF826 STMICROELECTRONICS-STF826 Datasheet
448Kb / 12P
   PNP medium power transistor
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com