データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4922-XIN-F データシート(PDF) 3 Page - Infineon Technologies AG

部品番号 TLE4922-XIN-F
部品情報  The TLE4922 is an active mono cell Hall sensor suited to detect motion and position of ferromagnetic and permanent magnet structures
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4922-XIN-F データシート(HTML) 3 Page - Infineon Technologies AG

  TLE4922-XIN-F Datasheet HTML 1Page - Infineon Technologies AG TLE4922-XIN-F Datasheet HTML 2Page - Infineon Technologies AG TLE4922-XIN-F Datasheet HTML 3Page - Infineon Technologies AG TLE4922-XIN-F Datasheet HTML 4Page - Infineon Technologies AG TLE4922-XIN-F Datasheet HTML 5Page - Infineon Technologies AG TLE4922-XIN-F Datasheet HTML 6Page - Infineon Technologies AG TLE4922-XIN-F Datasheet HTML 7Page - Infineon Technologies AG TLE4922-XIN-F Datasheet HTML 8Page - Infineon Technologies AG TLE4922-XIN-F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
3
V 1.0, 2016-11-21
TLE4922-XIN-F
Specification
2.3
Electrical Characteristics
2.4
Magnetic Characteristics and Self-Calibration Characteristics
Table 2-3
Electrical Parameters
Parameter
Symbol
Values
Unit Note or Test Condition
Min. Typ. Max.
Supply current
IS
3.5
5.3
7.0
mA
Output saturation voltage
VQSAT
-
0.15 0.4
V
IQ = 8.8 mA
Output leakage current
IQLEAK
--
10
μA
Current limit for short-circuit
protection
IQSHORT1)
1) Parameter is characterized by simulation/verification
37
44
52
mA
Junction temperature for output
protection
TPROT
1)
175
195
215
°C
Output will shut down (high impedance)
when exceeded
Power on time
tON
1)
-0.7
0.9
ms
Output fall time
tf2)
2) Time between 20% and 80% value of VLOAD
2.2
2.8
3.8
μsVLOAD = 5 V, CLOAD =4.7 nF, RLOAD = 1.2 kΩ
Output rise time
tr1)2)
1-
20
µs
VLOAD = 5 V, CLOAD =4.7 nF, RLOAD = 1.2 kΩ
Delay time
td
1)3)
3) Only valid for the falling edge
12.5 18
23.5 μsVLOAD = 5 V, CLOAD =4.7 nF, RLOAD = 1.2 kΩ,
f=5kHz, see
Figure 2-1
Table 2-4
Magnetic Characteristics and Self-Calibration Characteristics: 10 Gauss = 1mT
Parameter
Symbol
Values
Unit
Note / Test Condition
Min. Typ. Max.
Linear Region
BLR1)
1) is calculated out of measured sensitivity
-400 -
400
mT
Peak to peak magnetic hysteresis BMIN1)
2.0
3.0
5.3
mT
Full frequency range
2.0
3.0
3.8
mT
Up to 3kHz signal frequency
Temperature compensation of
magnetic hysteresis
TCBmin
-
-650
-
ppm
Temperature range from 25°C to 150°C
Back Bias Magnet Range
BBIAS
-400 -
400
mT
At Ta=25°C, please notice relation between
back bias magnet and linear region as
described in user manual
Duty Cycle
DC2)
40
50
60
%
30
50
70
%
Including EMC (magnetic distortion)
Number of falling output edges
required to be calibrated
nCalib 2)3)
2) Parameter is characterized by simulation/verification
3) Maximum one additional pulse may occur due to temperature variation during stand still
--
3
-
At 4th falling edge full accuracy reached.
Relative phase error in calibrated
mode
ϕrel2)4)
4) Performance measured on wheel described in
Chapter 2.6 within air gap range 0.5mm to 3.2mm
-
± 0.3 ± 1.5 °crank Forward and backward rotational direction.
Temperature and airgap included.
Output falling edge repeatability
(phase jitter) in calibrated mode
ϕjitter2)4) -
0.05 0.2
°crank 99.7 %, 3 pulses out of 1000 above limit.
Equivalent to ± 3sigma of a Gaussian
distribution.


同様の部品番号 - TLE4922-XIN-F

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4922-XAN-F INFINEON-TLE4922-XAN-F Datasheet
861Kb / 11P
   The TLE4922 is an active mono cell Hall sensor suited to detect motion and position of ferromagnetic and permanent magnet structures
V 1.0, 2016-11-21
More results

同様の説明 - TLE4922-XIN-F

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4922-XAN-F INFINEON-TLE4922-XAN-F Datasheet
861Kb / 11P
   The TLE4922 is an active mono cell Hall sensor suited to detect motion and position of ferromagnetic and permanent magnet structures
V 1.0, 2016-11-21
TLE4986C-XTS-M47 INFINEON-TLE4986C-XTS-M47 Datasheet
1Mb / 36P
   an active Hall sensor ideally suited for camshaft applications
Revision 1.1, 2014-11-07
logo
PIC GmbH
PIC-M0414 PIC-PIC-M0414 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M01707 PIC-PIC-M01707 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0625 PIC-PIC-M0625 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M02508 PIC-PIC-M02508 Datasheet
20Kb / 1P
   Permanent Magnet
logo
Bi technologies
SX4289 BITECH-SX4289 Datasheet
432Kb / 4P
   The LH3 torque and position sensor
SX-4479 BITECH-SX-4479 Datasheet
256Kb / 4P
   The LH3 torque and position sensor
SX-4474 BITECH-SX-4474 Datasheet
438Kb / 4P
   The LH3 torque and position sensor
SX-4473 BITECH-SX-4473 Datasheet
435Kb / 4P
   The LH3 torque and position sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com