データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4961-1K データシート(PDF) 11 Page - Infineon Technologies AG

部品番号 TLE4961-1K
部品情報  3.0 V to 32 V operating supply voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-1K データシート(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4961-1K Datasheet HTML 7Page - Infineon Technologies AG TLE4961-1K Datasheet HTML 8Page - Infineon Technologies AG TLE4961-1K Datasheet HTML 9Page - Infineon Technologies AG TLE4961-1K Datasheet HTML 10Page - Infineon Technologies AG TLE4961-1K Datasheet HTML 11Page - Infineon Technologies AG TLE4961-1K Datasheet HTML 12Page - Infineon Technologies AG TLE4961-1K Datasheet HTML 13Page - Infineon Technologies AG TLE4961-1K Datasheet HTML 14Page - Infineon Technologies AG TLE4961-1K Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TLE4961-1K
Functional Description
Data Sheet
11
Revision 1.0, 2012-05-15
2.6
Start-up behavior
The magnetic threshold exhibit a hysteresis BHYS = BOP-BRP. In case of a power-on with a magnetic field B within
hysteresis (BRP < B < BOP) the output of the sensor is set to “HIGH” per default. After the first crossing of BOP or
BRP of the magnetic field the output is set to the correct value.
Figure 2-5
Illustration of the start-up behavior of the TLE4961-1K
t
3V
t
t
VQ
t
B > BOP
B < BRP
BOP > B > BRP
Magnetic field above threshold
Magnetic field below threshold
Magnetic field in hysteresis
Power on ramp
The device always applies
VQ level at start -up
independent from the
applied magnetic field !
VQ
VQ
VS
tPon


同様の部品番号 - TLE4961-1K

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4961-1L INFINEON-TLE4961-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4961-1M INFINEON-TLE4961-1M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2012-07-20
More results

同様の説明 - TLE4961-1K

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4968-1K INFINEON-TLE4968-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-10
TLE4964-3K INFINEON-TLE4964-3K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-06-04
TLE4961-1L INFINEON-TLE4961-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4968-1L INFINEON-TLE4968-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2011-07-18
TLE4961-3K INFINEON-TLE4961-3K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-3L INFINEON-TLE4961-3L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4961-5K INFINEON-TLE4961-5K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com