データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4961-5K データシート(PDF) 7 Page - Infineon Technologies AG

部品番号 TLE4961-5K
部品情報  3.0 V to 32 V operating supply voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4961-5K データシート(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4961-5K Datasheet HTML 3Page - Infineon Technologies AG TLE4961-5K Datasheet HTML 4Page - Infineon Technologies AG TLE4961-5K Datasheet HTML 5Page - Infineon Technologies AG TLE4961-5K Datasheet HTML 6Page - Infineon Technologies AG TLE4961-5K Datasheet HTML 7Page - Infineon Technologies AG TLE4961-5K Datasheet HTML 8Page - Infineon Technologies AG TLE4961-5K Datasheet HTML 9Page - Infineon Technologies AG TLE4961-5K Datasheet HTML 10Page - Infineon Technologies AG TLE4961-5K Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLE4961-5K
Product Description
Data Sheet
7
Revision 1.0, 2012-05-15
1
Product Description
1.1
Overview
Figure 1-1
Image of TLE4961-5K in the PG-SC59-3-5 package
1.2
Features
3.0 V to 32 V operating supply voltage
Operation from unregulated power supply
Reverse polarity protection (-18 V)
Overvoltage capability up to 42 V without external resistor
Output overcurrent & overtemperature protection
Active error compensation
High stability of magnetic thresholds
Low jitter (typ. 0.35 μs)
High ESD performance
SOT23 like SMD package PG-SC59-3-5 (TLE4961-5K)
1.3
Target Applications
Target applications for the TLE496x Hall switch family are all applications which require a high precision Hall
switch with an operating temperature range from -40°C to 170°C. Its superior supply voltage range from 3.0 V to
32 V with overvoltage capability (e.g. load-dump) up to 42 V without external resistor makes it ideally suited for
automotive and industrial applications.
The TLE4961-5K is a latch with a typical threshold of 15 mT. It is ideally suited for applications with a pole wheel
for index counting and speed measurement.
Characteristic
Supply Voltage
Supply Current
Sensitivity
Interface
Temperature
Bipolar Hall
Effect Latch
3.0~32 V
1.6 mA
Medium
BOP:15 mT
BRP:-15 mT
Open Drain
Output
-40°C to 170°C
Table 1-1
Ordering Information
Product Name
Product Type
Ordering Code
Package
TLE4961-5K
Hall Latch
SP000910192
PG-SC59-3-5


同様の部品番号 - TLE4961-5K

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4961-5M INFINEON-TLE4961-5M Datasheet
1Mb / 26P
   High Precision Automotive Hall Effect Latch
Revision 1.0, 2013-07-04
More results

同様の説明 - TLE4961-5K

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4964-1K INFINEON-TLE4964-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4964-2K INFINEON-TLE4964-2K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4968-1K INFINEON-TLE4968-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-10
TLE4964-3K INFINEON-TLE4964-3K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-06-04
TLE4961-1L INFINEON-TLE4961-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
TLE4968-1L INFINEON-TLE4968-1L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2011-07-18
TLE4961-1K INFINEON-TLE4961-1K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-3K INFINEON-TLE4961-3K Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-05-15
TLE4961-3L INFINEON-TLE4961-3L Datasheet
1Mb / 26P
   3.0 V to 32 V operating supply voltage
Revision 1.0, 2012-07-18
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com