データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE4998S4 データシート(PDF) 6 Page - Infineon Technologies AG

部品番号 TLE4998S4
部品情報  Programmable Linear Hall Sensor
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4998S4 データシート(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4998S4 Datasheet HTML 2Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 3Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 4Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 5Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 6Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 7Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 8Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 9Page - Infineon Technologies AG TLE4998S4 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
Programmable Linear Hall Sensor
Data Sheet
6
V 1.0, 2008-07
TLE4998S3
TLE4998S4
Type
Marking
Ordering Code
Package
TLE4998S3
4998S3
SP412108
PG-SSO-3-10
TLE4998S4
4998S4
SP412110
PG-SSO-4-1
1
Overview
1.1
Features
• Single Edge Nibble Transmission (SENT) open-drain
output signal (SAE J2716)
• 20-bit Digital Signal Processing (DSP)
• Digital temperature compensation
• 16-bit overall resolution
• Operates within automotive temperature range
• Low drift of output signal over temperature and lifetime
• Programmable parameters stored in EEPROM with
single-bit error correction:
– SENT unit time
– Magnetic range and sensitivity (gain), polarity of the
output slope
– Offset
– Bandwidth
– Clamping levels
– Customer temperature compensation coefficients
– Memory lock
• Re-programmable until memory lock
• Single supply voltage 4.5 - 5.5 V (4.1 - 16 V in extended range)
• Operation between -200 mT and +200 mT within three ranges
• Reverse-polarity and overvoltage protection for all pins
• Output short-circuit protection
• On-board diagnostics (overvoltage, EEPROM error, start up)
• Output of internal magnetic field values and temperature
• Programming and operation of multiple sensors with common power supply
• Two-point calibration of magnetic transfer function without iteration steps
• High immunity against mechanical stress, EMC, ESD


同様の部品番号 - TLE4998S4

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998S4 INFINEON-TLE4998S4 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S4 INFINEON-TLE4998S4 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
More results

同様の説明 - TLE4998S4

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
logo
Infineon Technologies A...
TLE4998C3 INFINEON-TLE4998C3 Datasheet
1Mb / 44P
   Programmable Linear Hall Sensor
Rev 1.0, December 2008
TLE4998S3C INFINEON-TLE4998S3C Datasheet
1Mb / 36P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com