データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8951A データシート(PDF) 11 Page - SyncMOS Technologies,Inc

部品番号 SM8951A
部品情報  8 - Bit Micro-controller with 4/8KB flash embedded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8951A データシート(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM8951A Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 11Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 12Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 13Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 14Page - SyncMOS Technologies,Inc SM8951A Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
September 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
11/17
Ver 1.0
PID 8951A/8952A 09/02
SyncMOS Technologies Inc.
SM8951A/8952A
I/O Ports Timing
T6
T7
T8
T9
T10
T11
T12
T1
T2
T3
T4
T5
T6
T7
T8
inputs P0,P1
sampled
sampled
inputs P2,P3
Output by
Mov Px,Src
RxD at Serial Port
Shift Clock
(Mode 0)
current data
next data
sampled
X1
Timing Critical, Requirement of External Clock (Vss=0.0V is assumed)
Vdd-0.5V
0.45V
70%Vdd
20%Vdd-0.1V
TCHCL
TCLCL
TCHCX
TCLCH
TCLCX
Tm.I
External Program Memory Read Cycle
#PSEN
ALE
PORT 0
PORT 2
TPLPH
TLHLL
TLLPL
TAVLL
TLLAX
TPXIX
TPXIZ
TAVIV
TPLAZ
TPLIV
A0 - A7
Instruction. IN
A0 - A7
A8 - A15
A8 - A15


同様の部品番号 - SM8951A

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8951AC25 SYNCMOS-SM8951AC25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8951AC40 SYNCMOS-SM8951AC40 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8951AL25 SYNCMOS-SM8951AL25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
More results

同様の説明 - SM8951A

メーカー部品番号データシート部品情報
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
   8-bit Micro-controller with 32K Flash embedded
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com