データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8952A データシート(PDF) 7 Page - SyncMOS Technologies,Inc

部品番号 SM8952A
部品情報  8 - Bit Micro-controller with 4/8KB flash embedded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM8952A データシート(HTML) 7 Page - SyncMOS Technologies,Inc

Back Button SM8952A Datasheet HTML 3Page - SyncMOS Technologies,Inc SM8952A Datasheet HTML 4Page - SyncMOS Technologies,Inc SM8952A Datasheet HTML 5Page - SyncMOS Technologies,Inc SM8952A Datasheet HTML 6Page - SyncMOS Technologies,Inc SM8952A Datasheet HTML 7Page - SyncMOS Technologies,Inc SM8952A Datasheet HTML 8Page - SyncMOS Technologies,Inc SM8952A Datasheet HTML 9Page - SyncMOS Technologies,Inc SM8952A Datasheet HTML 10Page - SyncMOS Technologies,Inc SM8952A Datasheet HTML 11Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
September 2002
Specifications subject to change without notice,contact your sales representatives for the most recent information.
7/17
Ver 1.0
PID 8951A/8952A 09/02
SyncMOS Technologies Inc.
SM8951A/8952A
Operating Conditions
Symbol
Description
Min.
Typ.
Max.
Unit.
Remarks
TA
Operating temperature
0
25
70
oC
Ambient temperature under bias
TS
Storage temperature
-55
25
155
oC
VCC5
Supply voltage
4.5
5.0
5.5
V
For C Version
VCC3
Supply voltage
3
3.3
3.6
V
For L Version
Fosc 16
Oscillator Frequency
3.0
16
16
MHz For 5V, 3.3V application
Fosc 25
Oscillator Frequency
3.0
25
25
MHz For 5V, 3.3V application
Fosc 40
Oscillator Frequency
3.0
40
40
MHz For 5V application
Symbol
Parameter
Valid
VIL1
Input Low Voltage
port 0,1,2,3,4,#EA
VIL2
Input Low Voltage
RES, XTAL1
VIH1
Input High Voltage
port 0,1,2,3,4,#EA
VIH2
Input High Voltage
RES, XTAL1
VOL1
Output Low Voltage
port 0, ALE, #PSEN
VOL2
Output Low Voltage
port 1,2,3,4
VOH1
Output High Voltage
port 0
VOH2
Output High Voltage
port 1,2,3,4,ALE,#PSEN
IIL
Logical 0 Input Current
port 1,2,3,4
ITL
Logical Transition Current
port 1,2,3,4
ILI
Input Leakage Current
port 0, #EA
R RES
Reset Pulldown Resistance
RES
C IO
Pin Capacitance
I CC
Power Supply Current
Vdd
DC Characteristics
(12MHz, typical operating conditions, valid for SM8951A/8952A series)
+
Min.
Max.
Unit
Test Conditions
-0.5
0
2.0
70%Vcc
2.4
90%Vcc
50
2.4
90%Vcc
0.8
0.8
Vcc+0.5
Vcc+0.5
0.45
0.45
-75
-650
10
300
10
20
6.5
150
V
V
V
V
V
V
V
V
V
V
uA
uA
uA
Kohm
pF
mA
mA
uA
IOL=3.2mA
IOL=1.6mA
IOH=-800uA (only for VCC=5V)
IOH=-80uA
IOH=-60uA (only for VCC=5V)
IOH=-10uA
Vin=0.45V
Vin=2.0V
0.45V<Vin<Vcc
Freq=1MHz, Ta=25 C
Active mode, 12MHz
Idle mode, 12MHz
Power down mode


同様の部品番号 - SM8952A

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM8952A SYNCMOS-SM8952A Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AC25 SYNCMOS-SM8952AC25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AC40 SYNCMOS-SM8952AC40 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8952AL25 SYNCMOS-SM8952AL25 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
More results

同様の説明 - SM8952A

メーカー部品番号データシート部品情報
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
   8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
   8-bit Micro-controller with 32K Flash embedded
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com