データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9393A データシート(PDF) 7 Page - Keysight Technologies

部品番号 M9393A
部品情報  PXIe High-Speed Digitizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A データシート(HTML) 7 Page - Keysight Technologies

Back Button M9393A Datasheet HTML 3Page - Keysight Technologies M9393A Datasheet HTML 4Page - Keysight Technologies M9393A Datasheet HTML 5Page - Keysight Technologies M9393A Datasheet HTML 6Page - Keysight Technologies M9393A Datasheet HTML 7Page - Keysight Technologies M9393A Datasheet HTML 8Page - Keysight Technologies M9393A Datasheet HTML 9Page - Keysight Technologies M9393A Datasheet HTML 10Page - Keysight Technologies M9393A Datasheet HTML 11Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
07 | Keysight | M9203A PXIe High-Speed Digitizer/Wideband Digital Receiver - Data Sheet
Application Options1
For specific applications the M9203A PXIe High-Speed Digitizer/
Wideband Digital Receiver can be configured with specific
options:
– CB0: Digitizer streaming and recording
– CB2: Digital down converter streaming and recording at
1.6 GS/s
– BB1: High fidelity digitizer
CB0 digitizer streaming and recording
CB0 is a turnkey reference bundle, based on the continuous
simultaneous acquisition and readout architecture, implementing
a real time digitizer data recorder for gapless acquisition. It
includes a command line application ensuring performance of
up to 2 GB/s2 in a specific qualified system. An easy to use data
viewer application is also provided.
This digitizer streaming and recording option with bundled appli-
cations provides:
– Guaranteed recording specification
– Various recording speed controlled by application
– Adaptable sampling rate (decimation and external clock)
– Data throughput optimization (12-bit, 10-bit or 8-bit mode).
This option is added on top of a M9203A pre-configured version
composed of:
– 1.6 GS/s sampling rate (-SR2) or up to 2 GS/s (-SR2, -INT,
with external clock)
– Full bandwidth (-F10)
– 4 GB acquisition memory (-M40)
– Digitizer firmware (-DGT)
The digitizer data streamer application is an intuitive command
line application which allows to control the M9203A and adapts
its data rate to the target application.
The data viewer is a graphical user interface (GUI) application
which allows to read, display, select and export the data stored.
2 GB/s
SSD
Data
Storage
M9203A PXIe Digitizer
Channel 2
Channel 1
Up to 3 GB/s
Recommended
Host PC
CB2 digital down-conversion streaming and
recording
This bundle enables continuous gapless acquisition, implementing:
– Digital down converter functionality in real time
– Data steaming to host
– Multichannel recording to disk all I/Q samples for later analysis.
– Independent local-oscillators, with phase-coherency between
channels.
The -CB2 option is added on top of a M9203A pre-configured
version composed of:
– 1.6 GS/s sampling rate (-SR2)
– Full bandwidth (-F10)
– 4 GB acquisition memory (-M40)
– Digitizer firmware (-DGT)
This option provides:
– Guaranteed recording specification up to 320 MHz
instantaneous bandwidth (IBW) with tunable intermediate
frequency with recommended configuration.
– Data throughput optimization (I/Q samples with 32-bit, 16-bit
or 12-bit mode).
The option includes an intuitive command line application allowing
to control the M9203A and a data viewer providing a simple
graphical user interface (GUI) which allows to read, display, select
and export the data stored.
Maximum streaming and recording performance is guaranteed
using an additional qualified host computer system with specific
storage devices configuration.4
BB1 high fidelity digitizer
This high fidelity digitizer option provides enhanced performance
by:
– Compensating the ADC and front-end distortion
– Minimizing interleave spurs
– Reducing the overall noise bandwidth.
This results in highly improved and uniform measurement fidelity
across the useful bandwidth, which greatly benefits RF and wireless
frequency domain measurements. The digitizer’s post processing
compensation also delivers better spurious-free dynamic range
(SFDR) and intermodulation product (IMx) specifications.
This application option is pre-configured with:
– 1.6 GS/s sampling rate (-SR2)
Leaving choice of bandwidth and memory, for optional use in -BB1
mode, recommendation is:
– 650 MHz bandwidth (-F05)
– 256 MB acquisition memory (-M02)
It allows the following usage as high fidelity digitizer:
– 1.6 GS/s with 650 MHz bandwidth, up to 64 MSamples/ch.
– 800 MS/s with 400 MHz bandwidth, up to 32 MSamples/ch.
– 400 MS/s with 200 MHz bandwidth, up to 16 MSamples/ch.
– 200 MS/s with 100 MHz bandwidth, up to 8 MSamples/ch.
– 100 MS/s with 50 MHz bandwidth, up to 4 MSamples/ch.
1. Application options are delivered on the high-speed digitizer DVD.
2. Equivalent to: 2 GS/s in 8-bit mode, 1.6 GS/s in 10-bit mode, and
1.3 GS/s in 12-bit mode.
3. To reach the guaranteed performances the system requires both an
external computer and data storage.
4. Keysight proposes full system and installation services. Please contact
support at digitizers@keysight.com for additional information.
Figure 6. Streaming options (-CB0, -CB2) are proposed with a recommended host
PC and SSD. Performance is guaranteed with specific configurations3.
Maximum streaming and recording performance is guaranteed
using an additional qualified host computer system with specific
storage devices configuration.4


同様の部品番号 - M9393A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9393A-300 KEYSIGHT-M9393A-300 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
More results

同様の説明 - M9393A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer/ Wideband Digital Receiver
M9217A KEYSIGHT-M9217A Datasheet
843Kb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9217A KEYSIGHT-M9217A_17 Datasheet
1Mb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
M9703B KEYSIGHT-M9703B Datasheet
3Mb / 20P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
U5303A KEYSIGHT-U5303A Datasheet
3Mb / 16P
   PCIe High-Speed Digitizer with On-Board Processing
U5309A KEYSIGHT-U5309A Datasheet
3Mb / 14P
   PCIe High-Speed Digitizer with On-Board Processing
U5310A KEYSIGHT-U5310A Datasheet
1Mb / 12P
   PCIe High-Speed Digitizer with On-Board Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com