データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9362AD01 データシート(PDF) 8 Page - Keysight Technologies

部品番号 M9362AD01
部品情報  PXIe High-Speed Digitizer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9362AD01 データシート(HTML) 8 Page - Keysight Technologies

Back Button M9362AD01 Datasheet HTML 4Page - Keysight Technologies M9362AD01 Datasheet HTML 5Page - Keysight Technologies M9362AD01 Datasheet HTML 6Page - Keysight Technologies M9362AD01 Datasheet HTML 7Page - Keysight Technologies M9362AD01 Datasheet HTML 8Page - Keysight Technologies M9362AD01 Datasheet HTML 9Page - Keysight Technologies M9362AD01 Datasheet HTML 10Page - Keysight Technologies M9362AD01 Datasheet HTML 11Page - Keysight Technologies M9362AD01 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
08 | Keysight | M9203A PXIe High-Speed Digitizer/Wideband Digital Receiver - Data Sheet
Technical Specifications and Characteristics
Analog input (IN1 and IN2 SMA connectors)
Number of channels
2 (without INT option), 2 or 1 (with INT option)
Impedance
50 Ω ±2 %
Coupling
DC
Full scale ranges (FSR)
1 V and 2 V
Maximum input voltage
1V FSR: Clamp at ± 3.6 V, absolute maximum DC voltage rating ± 4.6 V
2V FSR: Clamp at ± 6.3 V, absolute maximum DC voltage rating ± 5.0 V
Input voltage offset
–2xFSR to +2xFSR
Input frequency range (-3 dB bandwidth)
-F05, -SR2
DC to 650 MHz (nominal) in 1V FSR at 1.6 GS/s
DC to 650 MHz (nominal) in 2V FSR at 1.6 GS/s
-F05, -SR2, -INT
DC to 650 MHz (nominal) in 1V FSR at 3.2 GS/s
DC to 650 MHz (nominal) in 2V FSR at 3.2 GS/s
-F10, -SR2
DC to 1.9 GHz (nominal) in 1V FSR at 1.6 GS/s
DC to 2.0 GHz (nominal) in 2V FSR at 1.6 GS/s
-F10, -SR2, -INT
DC to 1.4 GHz (nominal) in 1V FSR at 3.2 GS/s
DC to 1.4 GHz (nominal) in 2V FSR at 3.2 GS/s
DC gain accuracy
± 0.5% (nominal) in 1V FSR
± 0.7% (nominal) in 2V FSR
Offset accuracy
± 0.5% in 1V FSR
± 1.5% in 2V FSR
Time skew1
Skew between channels2
50 ps (nominal)
Channel-to-channel skew stability3
± 200 fs pk (nominal)
75 fs RMS (nominal)2
Bandwidth limit filters (BWL)
650 MHz (nominal) for -SR2
Effective number of bits (ENOB)4
-SR2
@ 410 MHz 9.1 (nominal)
Signal to noise ratio (SNR)4
-SR2
@ 410 MHz 57 dB (nominal)
Spurious free dynamic range (SFDR)4
-SR2
@ 410 MHz 64 dBc (nominal)
Total harmonic distortion (THD)4
-SR2
@ 410 MHz –64 dB (nominal)
1. The channel-to-channel skew is defined as the magnitude of time delay difference between two digitized channel inputs, granted the same signal is
provided to each channel at the exact same time.
2. The measurement represents the maximum time skew between 2 channels of a single unit, measured with a Sinefit method on 100 kSamples, for a sinusoid
signal at 400 MHz and averaged 10 times.
3. Skew and offset stability are measured at 25 °C in a climatic chamber. The skew and offset between channels are measured every 5 minutes over 12 hours
and after 1 hour stabilization time and the values represent the dispersion of the measurements.
4. Measured for a –1 dBFS input signal in internal clock mode with option -F10 at 1.6 GS/s (option -SR2).


同様の部品番号 - M9362AD01

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9362AD01 KEYSIGHT-M9362AD01 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F26 KEYSIGHT-M9362AD01-F26 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F40 KEYSIGHT-M9362AD01-F40 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
M9362AD01-F50 KEYSIGHT-M9362AD01-F50 Datasheet
626Kb / 8P
   PXIe Quad Downconverter
More results

同様の説明 - M9362AD01

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9203A KEYSIGHT-M9203A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer/ Wideband Digital Receiver
M9217A KEYSIGHT-M9217A Datasheet
843Kb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9217A KEYSIGHT-M9217A_17 Datasheet
1Mb / 8P
   PXIe Single-Slot 2-Channel Isolated Digitizer
M9111A KEYSIGHT-M9111A Datasheet
1Mb / 11P
   PXIe High-Speed Source/Measure Unit
M9703A KEYSIGHT-M9703A Datasheet
1Mb / 16P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
M9111A KEYSIGHT-M9111A_18 Datasheet
1Mb / 11P
   M9111A PXIe High-Speed Source/Measure Unit
M9703B KEYSIGHT-M9703B Datasheet
3Mb / 20P
   AXIe High-Speed Digitizer/ Wideband Digital Receiver
U5303A KEYSIGHT-U5303A Datasheet
3Mb / 16P
   PCIe High-Speed Digitizer with On-Board Processing
U5309A KEYSIGHT-U5309A Datasheet
3Mb / 14P
   PCIe High-Speed Digitizer with On-Board Processing
U5310A KEYSIGHT-U5310A Datasheet
1Mb / 12P
   PCIe High-Speed Digitizer with On-Board Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com