データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI91845DT-29-T1 データシート(PDF) 9 Page - Vishay Siliconix

部品番号 SI91845DT-29-T1
部品情報  150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91845DT-29-T1 データシート(HTML) 9 Page - Vishay Siliconix

  SI91845DT-29-T1 Datasheet HTML 1Page - Vishay Siliconix SI91845DT-29-T1 Datasheet HTML 2Page - Vishay Siliconix SI91845DT-29-T1 Datasheet HTML 3Page - Vishay Siliconix SI91845DT-29-T1 Datasheet HTML 4Page - Vishay Siliconix SI91845DT-29-T1 Datasheet HTML 5Page - Vishay Siliconix SI91845DT-29-T1 Datasheet HTML 6Page - Vishay Siliconix SI91845DT-29-T1 Datasheet HTML 7Page - Vishay Siliconix SI91845DT-29-T1 Datasheet HTML 8Page - Vishay Siliconix SI91845DT-29-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Si91845/6
Vishay Siliconix
Document Number: 71733
S-40591—Rev. B, 29-Mar-04
www.vishay.com
9
BLOCK DIAGRAM
Si91845/6
VIN
Reference
+
Thermal
Sensor
Shutdown
Control
GND
ERROR
VOUT
Reverse Polarity
Protection
Current
Limit
SD
BP
Si91845
Only
DETAILED DESCRIPTION
The Si91845/6 is a low-noise, low drop-out and low quiescent
current linear voltage regulator, packaged in a small footprint
Thin SOT23-6 package. The Si91845/6 can supply loads up to
300 mA. As shown in the block diagram, the circuit consists of a
bandgap reference, error amplifier, p-channel pass transistor and
feedback resistor string.
An external bypass capacitor
connected to the BP pin reduces noise at the output. Additional
blocks, not shown in the block diagram, include a precise current
limiter, reverse battery and current protection, and thermal sensor.
Thermal Overload Protection
The thermal overload protection limits the total power dissipation
and protects the device from being damaged. When the junction
temperature exceeds 150_, the device turns the p-channel pass
transistor off.
Reverse Battery Protection
The Si91845/6 has a battery reverse protection circuitry that
disconnects the internal circuitry when VIN drops below the GND
voltage. There is no current drawn in such an event. When the
SD pin is hardwired to VIN, the user must connect the SD pin to
VIN via a 100-kW resistor if reverse battery protection is desired.
Hardwiring the SD pin directly to the VIN pin is allowed when
reverse battery protection is not desired.
Noise Reduction
An external 10-nF bypass capacitor at BP is used to create a low
pass filter for noise reduction. The start-up time is fast, since a
power-on circuit pre-charges the bypass capacitor. After the
power-up sequence the pre-charge circuit is switched to standby
mode in order to save current. It is therefore not recommended
to use larger bypass capacitor values than 50 nF. When the
circuit is used without a capacitor, stable operation is guaranteed.
ERROR
ERROR is an open drain output that goes low when VOUT is less
than 4% of its normal value. To obtain a logic level output,
connect a pull-up resister from ERROR to VOUT or any other
voltage equal to or less than VIN. ERROR pin is high impedance
(off) when SD pin is low.
Auto-Discharge/No-Discharge
VOUT has an internal 100-W (typ.) discharge path to ground when
SD pin is low. This applies only to the Si91845. The Si91846
does not have a discharge path when the SD pin is low.
Stability
The circuit is stable with only a small output capacitor equal to
6 nF/mA (= 1 mF @ 150 mA). Since the bandwidth of the error
amplifier is around 1−3 MHz and the dominant pole is at the
output node, the capacitor should be capacitive in this range, i.e.,
for 150-mA load current, an ESR <0.4 W is necessary. Parasitic
inductance of about 10 nH can be tolerated.


同様の部品番号 - SI91845DT-29-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

同様の説明 - SI91845DT-29-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com