データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI91845DT-36-T1 データシート(PDF) 3 Page - Vishay Siliconix

部品番号 SI91845DT-36-T1
部品情報  150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91845DT-36-T1 データシート(HTML) 3 Page - Vishay Siliconix

  SI91845DT-36-T1 Datasheet HTML 1Page - Vishay Siliconix SI91845DT-36-T1 Datasheet HTML 2Page - Vishay Siliconix SI91845DT-36-T1 Datasheet HTML 3Page - Vishay Siliconix SI91845DT-36-T1 Datasheet HTML 4Page - Vishay Siliconix SI91845DT-36-T1 Datasheet HTML 5Page - Vishay Siliconix SI91845DT-36-T1 Datasheet HTML 6Page - Vishay Siliconix SI91845DT-36-T1 Datasheet HTML 7Page - Vishay Siliconix SI91845DT-36-T1 Datasheet HTML 8Page - Vishay Siliconix SI91845DT-36-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Si91845/6
Vishay Siliconix
Document Number: 71733
S-40591—Rev. B, 29-Mar-04
www.vishay.com
3
SPECIFICATIONS
Limits
−40 to 85_C
Tempa
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,
CIN = 1 mF, COUT = 1.0 mF, VSD = 1.5 V
Parameter
Unit
Maxb
Typc
Minb
Tempa
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,
CIN = 1 mF, COUT = 1.0 mF, VSD = 1.5 V
Symbol
Dynamic Line Regulation
DVO(line)
VIN : VOUT(nom) + 1 V to VOUT(nom) + 2 V
tr/tf = 2 ms, IOUT = 150 mA
Room
20
mV
Dynamic Load Regulation
DVO(load)
IOUT : 1 mA to 150 mA, tr/tf = 2 ms
Room
25
mV
Thermal Shutdown Junction
Temperature
TJ(S/D)
Room
150
_C
Thermal Hysteresis
THYST
Room
20
C
Reverse current
IR
VIN = −6.0 V
Room
1
mA
Short Circuit Current
ISC
VOUT = 0 V
Room
700
mA
Shutdown
Shutdown Supply Current
ICC(off)
VSD = 0 V
Room
0.1
1
mA
SD Pin Input Voltage
VSD
High = Regulator ON (Rising)
Full
1.5
VIN
V
SD Pin Input Voltage
VSD
Low = Regulator OFF (Falling)
Full
0.4
V
Auto Discharge Resistance
R_DIS
Si91845 Only
Room
100
W
SD Pin Input Currentf
IIN(SD)
VSD = 1.5 V, VIN = 6 V
Room
0.7
mA
SD Hysteresis
VHYST(SD)
Full
150
mV
VOUT Turn-On Time
tON
VSD (See Figure 1), ILOAD = 100 mA
Room
50
mS
ERROR Output
ERROR High Leakage
IOFF
ERROR v VIN. VOUT in Regulation
Full
1
mA
ERROR Low Voltage
VOL
ISINK = 0.5 mA
Full
0.4
V
ERROR Voltage Threshold
VERROR
VOUT Below VOUT(nom)g
VOUT Falling, IOUT = 1 mA, VOUT(nom) u 2 V
Full
−2
−4
−6
ERROR Voltage Threshold
Hysteresis
VHYST(ERROR)
VOUT u 2 V
Room
1.5
%
ERROR Voltage Threshold
VERROR
VOUT Below VOUT(nom)g
VOUT Falling, IOUT = 1 mA, VOUT(nom) t 2 V
Room
−10
%
ERROR Voltage Threshold
Hysteresis
VHYST(ERROR)
VOUT t 2 V
Room
4
Notes
a.
Room = 25_C, Full = −40 to 85_C.
b.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
c.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
d.
Dropout voltage is defined as the input to output differential voltage at which the output voltage drops 2% below the output voltage measured with a 1-V
differential, provided that VIN does not not drop below 2.0 V.
e.
Ground current is specified for normal operation as well as “drop-out” operation.
f.
The device’s shutdown pin includes a typical 2-MW internal pull-down resistor connected to ground.
g.
VOUT(nom) is VOUT when measured with a 1-V differiential to VIN.
TIMING WAVEFORMS
FIGURE 1. Timing Diagram for Power-Up
VSD
0.95 VNOM
VOUT
VNOM
tON
0 V
VIN
tr v 1 mS


同様の部品番号 - SI91845DT-36-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

同様の説明 - SI91845DT-36-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com