データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI91846DT-285-T1 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI91846DT-285-T1
部品情報  150-mA Ultra Low-Noise LDO Regulator With Error Flag and Discharge Option
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI91846DT-285-T1 データシート(HTML) 2 Page - Vishay Siliconix

  SI91846DT-285-T1 Datasheet HTML 1Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 2Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 3Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 4Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 5Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 6Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 7Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 8Page - Vishay Siliconix SI91846DT-285-T1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Si91845/6
Vishay Siliconix
www.vishay.com
2
Document Number: 71733
S-40591—Rev. B, 29-Mar-04
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Input Voltage, VIN to GND
−6.0 to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ERROR, VSD (See Detailed Description)
−0.3 V to VIN
. . . . . . . . . . . . . . . . . . . . . . .
Output Current, IOUT
Short Circuit Protected
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Voltage, VOUT
−0.3 V to VIN + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package Power Dissipation, (Pd)b
440 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . .
Package Thermal Resistance, (qJA)a
180_C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Junction Temperature, TJ(max)
150_C
. . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature, TSTG
−65_C to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 5.5 mW/_C above TA = 70_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Input Voltage, VIN
2 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Voltage, VSD
0 V to VIN
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature, TA
−40_C to 85_C
. . . . . . . . . . . . . . . . . . . .
CIN = COUT = 1 mF (ceramic)
Maximum ESR of COUT: 0.4 W
SPECIFICATIONS
Test Conditions Unless Specified
TA = 25_C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,
Limits
−40 to 85_C
Parameter
Symbol
TA = 25_C, VIN = VOUT(nom) + 1 V, IOUT = 1 mA,
CIN = 1 mF, COUT = 1.0 mF, VSD = 1.5 V
Tempa Minb
Typc
Maxb
Unit
Input Voltage Range
VIN
Full
2
6
V
Output Voltage Accuracy
1 mA v IOUT v 150 mA
Room
−1.5
1
1.5
%
Output Voltage Accuracy
1 mA v IOUT v 150 mA
Full
−2.5
1
2.5
%
Line Regulation (VOUT v 3 V)
Full
−0.06
0.18
Line Regulation
(3.0 V < VOUT v3.6 V)
DVOUT 100
DVIN VOUT(nom)
From VIN = VOUT(nom) + 1 V to VOUT(nom) + 2 V
Full
0
0.3
%/V
Line Regulation (5-V Version)
IN
OUT(nom)
From VIN = 5.5 V to 6 V
Full
0
0.4
IOUT = 1 mA
Room
1
Dt V lt
dg
IOUT = 50 mA
Room
45
80
Dropout Voltaged, g
(VOUT(nom) w 2.6 V)
IOUT = 50 mA
Full
50
90
(VOUT(nom) w 2.6 V)
IOUT = 150 mA
Room
130
180
VIN − VOUT
IOUT = 150 mA
Full
220
mV
VIN VOUT
IOUT = 50 mA
Room
65
100
mV
Dropout Voltaged, g
IOUT = 50 mA
Full
120
Dropout Voltaged, g
(VOUT(nom) t 2.6 V, VIN w 2 V)
IOUT = 150 mA
Room
190
250
()
IOUT = 150 mA
Full
300
IOUT = 0 mA
Room
100
150
Ground Pin Currente, g
IOUT = 0 mA
Full
180
Ground Pin Currente, g
(VOUT(nom) v 3 V)
IOUT = 150 mA
Room
110
200
()
IGND
IOUT = 150 mA
Full
230
mA
IGND
IOUT = 0 mA
Room
110
170
mA
Ground Pin Currente, g
IOUT = 0 mA
Full
200
Ground Pin Currente, g
(VOUT(nom) u 3 V)
IOUT = 150 mA
Room
120
200
()
IOUT = 150 mA
Full
230
Peak Output current
IO(peak)
VOUT w 0.95 x VOUT(nom). tPW = 2 ms
Full
300
mA
Output Noise Voltage
eN
VNOM = 2.6 V, BW = 10 Hz to 100 kHz,
0 mA t IOUT t 150 mA
Room
30
mV(rms)
f = 1 kHz
Room
60
Ripple Rejection
DVOUT/DVIN
IOUT = 150 mA
f = 10 kHz
Room
40
dB
pp
j
OUT
IN
OUT
f = 100 kHz
Room
30


同様の部品番号 - SI91846DT-285-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-18-T1 VISHAY-SI91841DT-18-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-20-T1 VISHAY-SI91841DT-20-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-22-T1 VISHAY-SI91841DT-22-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91841DT-25-T1 VISHAY-SI91841DT-25-T1 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
More results

同様の説明 - SI91846DT-285-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI91844 VISHAY-SI91844 Datasheet
90Kb / 9P
   150-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. C, 01-Apr-02
SI91872 VISHAY-SI91872 Datasheet
115Kb / 9P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
Rev. F, 20-Jun-05
SI91872 VISHAY-SI91872_V01 Datasheet
127Kb / 10P
   300-mA Low-Noise LDO Regulator With Error Flag and Discharge Option
18-Jul-08
SI91841 VISHAY-SI91841 Datasheet
121Kb / 9P
   150-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. C, 29-Mar-04
SI91871 VISHAY-SI91871 Datasheet
183Kb / 9P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. B, 03-Feb-03
SI91871 VISHAY-SI91871_V01 Datasheet
143Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
18-Jul-08
SI91871 VISHAY-SI91871_05 Datasheet
160Kb / 10P
   300-mA Ultra Low-Noise LDO Regulator With Discharge Option
Rev. F, 20-Jun-05
SI91821 VISHAY-SI91821 Datasheet
136Kb / 10P
   Micropower 300-mA CMOS LDO Regulator With Error Flag
Rev. E, 20-Jun-05
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
Sipex Corporation
SPX5205 SIPEX-SPX5205 Datasheet
181Kb / 9P
   150 mA, Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com