データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM8121A データシート(PDF) 6 Page - Nippon Precision Circuits Inc

部品番号 SM8121A
部品情報  White LED Driver IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8121A データシート(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM8121A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8121A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8121A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8121A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8121A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8121A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8121A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8121A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8121A Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
SM8121A
NIPPON PRECISION CIRCUITS INC.—6
VDD = 3.6V, VSS = 0V unless otherwise noted
Topr vs. fOSC
Topr vs. Duty
Topr vs. TSS
Topr vs. ICE (VCE = VDD)
Topr vs. VTH
Topr vs. ISTB (VCE = 0V)
Topr vs. IDD (VFB = 1.0V)
Topr vs. IDD (VFB = 0V)
Topr vs. IFB (VFB = 0.5V)
Topr vs. VFB
Topr vs. RON
Topr vs. ILEAK
1200
1000
800
600
400
200
0
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
0
20
10
40
30
50
60
70
80
100
90
Operating temperature (Topr) [
°C]
−50 −25
0
25
50
75
100
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
1000
900
800
700
600
500
400
300
200
100
0
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
10
8
9
7
6
5
4
2
3
1
0
0.0
0.5
1.0
1.5
2.0
2.5
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
0
500
1000
1500
2000
2500
3000
3500
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
0
100
200
300
400
500
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
0
100
200
300
400
500
600
700
800
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
0
−50
50
100
150
200
250
300
350
400
450
500
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
0.480
0.485
0.490
0.495
0.500
0.505
0.510
0.515
0.520
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
0
1
2
3
4
5
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100
0
250
500
750
1000
1250
1500
1750
2000
−50 −25
0
25
Operating temperature (Topr) [
°C]
50
75
100


同様の部品番号 - SM8121A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
SM8120A NPC-SM8120A Datasheet
201Kb / 14P
   White LED Driver IC
SM8120AH NPC-SM8120AH Datasheet
201Kb / 14P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8122AD NPC-SM8122AD Datasheet
162Kb / 13P
   White LED Driver IC
More results

同様の説明 - SM8121A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8135B NPC-SM8135B Datasheet
148Kb / 19P
   White LED Driver IC
SM8133B NPC-SM8133B_06 Datasheet
175Kb / 23P
   White LED Driver IC
SM8135A NPC-SM8135A Datasheet
157Kb / 20P
   White LED Driver IC
SM8122A NPC-SM8122A Datasheet
162Kb / 13P
   White LED Driver IC
SM8136A NPC-SM8136A Datasheet
126Kb / 15P
   White LED Driver IC
SM8133B NPC-SM8133B Datasheet
166Kb / 20P
   White LED Driver IC
SM8134A NPC-SM8134A Datasheet
144Kb / 19P
   White LED Driver IC
SM8120 NPC-SM8120 Datasheet
201Kb / 14P
   White LED Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com