データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9389A データシート(PDF) 9 Page - Keysight Technologies

部品番号 M9389A
部品情報  M9309A PXIe Vector Network Analyzer Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9389A データシート(HTML) 9 Page - Keysight Technologies

Back Button M9389A Datasheet HTML 2Page - Keysight Technologies M9389A Datasheet HTML 3Page - Keysight Technologies M9389A Datasheet HTML 4Page - Keysight Technologies M9389A Datasheet HTML 5Page - Keysight Technologies M9389A Datasheet HTML 6Page - Keysight Technologies M9389A Datasheet HTML 7Page - Keysight Technologies M9389A Datasheet HTML 8Page - Keysight Technologies M9389A Datasheet HTML 9Page - Keysight Technologies M9389A Datasheet HTML 10Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
09 | Keysight | M9309A PXIe Vector Network Analyzer Synthesizer - Data Sheet
Configurations and Ordering Information
Ordering information
Model
Description
M9309A
PXIe VNA synthesizer: 187.5 MHz to 6 GHz
Related products
Model
Description
M9485A
PXIe vector network analyzer
M9018A
18-slot PXIe chassis
M9037A
PXIe embedded controller
M9389A
PXIe VNA source
M9300A
PXIe frequency reference
Accessories
Model
Description
Y1212A
Slot blocker kit: 5 modules
Y1213A
PXI EMC filler panel kit: 5 slots
Y1214A
Air inlet kit: M9018A 18-slot chassis
Y1215A
Rack mount kit for M9018A 18-slot chassis
Calibration
Advantage services: Calibration
Keysight Advantage Services is committed to your success throughout
your equipment’s lifetime
N7800A
Calibration & adjustment software


同様の部品番号 - M9389A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9389A KEYSIGHT-M9389A Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
More results

同様の説明 - M9389A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com