データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9391A-M01 データシート(PDF) 8 Page - Keysight Technologies

部品番号 M9391A-M01
部品情報  M9391A PXIe Vector Signal Analyzer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9391A-M01 データシート(HTML) 8 Page - Keysight Technologies

Back Button M9391A-M01 Datasheet HTML 4Page - Keysight Technologies M9391A-M01 Datasheet HTML 5Page - Keysight Technologies M9391A-M01 Datasheet HTML 6Page - Keysight Technologies M9391A-M01 Datasheet HTML 7Page - Keysight Technologies M9391A-M01 Datasheet HTML 8Page - Keysight Technologies M9391A-M01 Datasheet HTML 9Page - Keysight Technologies M9391A-M01 Datasheet HTML 10Page - Keysight Technologies M9391A-M01 Datasheet HTML 11Page - Keysight Technologies M9391A-M01 Datasheet HTML 12Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
08 | Keysight | M9391A PXIe Vector Signal Analyzer - Data Sheet
Technical Specifications and Characteristics
Amplitude
Input level
Max safe average total power
+30 dBm (1 W)
Max DC voltage
25 Vdc
Max RF input (specified performance)
1 to 2 MHz
0 dBm
2 to 4 MHz
+4 dBm
4 to 100 MHz
+12 dBm
100 MHz to 6 GHz
+30 dBm
Expected input level setting
Range
Pre-amp ON
−170 to 0 dBm
Pre-amp OFF
−170 to +30 dBm
Pre-amp AUTO 7
−170 to +30 dBm
Resolution
0.1 dB
Absolute amplitude accuracy & total absolute amplitude accuracy
Full temperature range
Controlled temperature range
@ 46 ºC module
temp10, typical
Conversion type
Frequency
Total absolute
amplitude
accuracy 8
Absolute
amplitude
accuracy 9
Total absolute
amplitude
accuracy 8
Absolute
amplitude
accuracy 9
Total absolute
amplitude
accuracy 8
40 MHz IF filter
Module temperature within ± 3 ºC of alignment, pre-amp ON & OFF
Image protect
≤ 3 GHz
±1.78 dB
±1.72 dB
±1.27 dB
±1.21 dB
±0.46 dB
> 3 GHz
±1.54 dB
±1.48 dB
±1.19 dB
±1.13 dB
±0.46 dB
Single
All
±1.47 dB
±1.41 dB
±1.22 dB
±1.17 dB
±0.45 dB
160 MHz IF filter
Module temperature within ±3 ºC of alignment, Pre-amp OFF11
Image protect
≤ 3 GHz
±1.46 dB
±1.34 dB
±0.96 dB
±0.85 dB
±0.33 dB
> 3 GHz
±1.54 dB
±1.48 dB
±1.16 dB
±1.09 dB
±0.45 dB
Single
All
±1.18 dB
±1.08 dB
±0.94 dB
±0.86 dB
±0.36 dB
160 MHz IF filter
Module temperature within ±3 ºC of alignment, Pre-amp ON12
Image protect
≤ 3 GHz
±1.68 dB
±1.60 dB
±1.18 dB
±1.10 dB
±0.39 dB
> 3 GHz
±1.55 dB
±1.49 dB
±1.21 dB
±1.15 dB
±0.45 dB
Single
≤ 3 GHz
±1.09 dB
±0.96 dB
±0.85 dB
±0.72 dB
±0.29 dB
> 3 GHz
±1.36 dB
±1.28 dB
±1.04 dB
±0.96 dB
±0.39 dB
7. At expected input level ≤ −37 dBm, pre-amp is switched on.
8. Total absolute amplitude accuracy is the total of all amplitude measurement errors. This specification includes the sum of the following individual specifica-
tions: linearity, expected input level switching uncertainty, IF bandwidth filter switching uncertainty, absolute amplitude accuracy. The wide range of settings
used (i.e., expected input level, etc.) are tested independently. The individual error contributions are calculated as follows: a 99.8 % proportion and 95%
confidence are computed for each parameter on a statistically significant number of instruments. The root-sum-square (RSS) of these four independent
Gaussian parameters is then taken. To that RSS value, two environmental effects and measurement uncertainty are added. One environmental effect is that
of temperature (full and controlled temperature range, as defined above) and the other is the temperature variation of ±3 degrees around a field alignment.
Applies over the following subset of settings and conditions: expected input level −50 dBm to +30 dBm; input signals within 60 dB below expected input level;
40 MHz and 160 MHz IF filters; input signal at center frequency over full frequency range.
9. The absolute amplitude accuracy is the amplitude measurement error when only changing frequency. The expected input level, conversion type
and IF bandwidth settings remain the same and the error introduced by those parameters are not included. Pre-amp auto/OFF expected input
level +10 dBm and −12 dBm. Pre-amp ON expected input level −30 dBm.
10. Typical specifications shown at M9350A downconverter reported module temperature of 46 ºC and a corresponding environment temperature
of 25 ºC.
11. When using pre-amp auto mode, applies for signal level within expected input level >−37 dBm.
12. When using pre-amp auto mode, applies for signal level within expected input level ≤−37 dBm.


同様の部品番号 - M9391A-M01

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

同様の説明 - M9391A-M01

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com