データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9377A データシート(PDF) 3 Page - Keysight Technologies

部品番号 M9377A
部品情報  M9485A PXIe Multiport Vector Network Analyzer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9377A データシート(HTML) 3 Page - Keysight Technologies

  M9377A Datasheet HTML 1Page - Keysight Technologies M9377A Datasheet HTML 2Page - Keysight Technologies M9377A Datasheet HTML 3Page - Keysight Technologies M9377A Datasheet HTML 4Page - Keysight Technologies M9377A Datasheet HTML 5Page - Keysight Technologies M9377A Datasheet HTML 6Page - Keysight Technologies M9377A Datasheet HTML 7Page - Keysight Technologies M9377A Datasheet HTML 8Page - Keysight Technologies M9377A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
03 | Keysight | M9485A PXIe Multiport Vector Network Analyzer 1 MHz/50 MHz to 9 GHz - Data Sheet
Configuration
This document provides technical specifications for the M9485A PXIe multiport vector
network analyzer. The configuration is shown below
M9300A
PXIe frequency reference
M9309A
PXIe vector network analyzer synthesizer
M9389A
PXIe vector network analyzer source (includes M9309A, M9310A)
M9340A
PXIe vector network analyzer RF distributor
M9376A
PXIe vector network analyzer receiver
M9377A
PXIe vector network analyzer direct access receiver
M9378A
PXIe vector network analyzer directional coupler
M9378B
PXIe vector network analyzer directional coupler with bias-T
Calibration Kits and ECal Modules
This M9485A data sheet also provides technical specifications for the following calibra-
tion kits and ECal modules. For models not listed in this data sheet, please download
the free Uncertainty Calculator from http://www.keysight.com/find/na_calculator to
generate the curves for your calibration kit and enable VNA setup.
85033E
Calibration kit
85093C
Electronic calibration (ECal) module
Definitions
Specification (spec.):
Warranted performance. All specifications apply at 25 ºC (± 5 ºC), unless otherwise
stated, and 45 minutes after the instrument has been turned on. Specifications include
guard bands to account for the expected statistical performance distribution, measure-
ment uncertainties, and changes in performance due to environmental conditions.
Typical (typ.):
Expected performance of an average unit which does not include guardbands.
General characteristics:
A general, descriptive term that does not imply a level of performance.
Boundary Conditions
If the same boundary conditions fall under more than one category in a table, apply the
best value. For example, system dynamic range in page 4 is 139 dB with the following
boundary conditions.
Frequency: 20 MHz
IF bandwidth: 10 Hz


同様の部品番号 - M9377A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9370A KEYSIGHT-M9370A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
logo
EPCOS
M9370M EPCOS-M9370M Datasheet
63Kb / 5P
   IF Filter for Audio Applications
logo
Keysight Technologies
M9371A KEYSIGHT-M9371A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9372A KEYSIGHT-M9372A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9373A KEYSIGHT-M9373A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
More results

同様の説明 - M9377A

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com