データシートサーチシステム |
|
M9393A-P08 データシート(PDF) 7 Page - Keysight Technologies |
|
M9393A-P08 データシート(HTML) 7 Page - Keysight Technologies |
7 / 39 page 07 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet Technical Specifications and Characteristics Standard Configuration - Options F08, F14, F18, F27 Frequency (cont’d) Frequency switching speed 7, 8 List mode switching speed 9 Band Standard, nominal Option UNZ, nominal Baseband frequency offset change 11 < 40 MHz ≥ 40 MHz to ≤ 100 MHz > 100 MHz to < 180 MHz ≥ 180 MHz 5 ms 26 µs 12 µs 95 µs 11 µs Arbitrary frequency change within: 0: < 3.6 GHz 1: 3.6 to 8.4 GHz 2: 8.4 to 13.6 GHz 3: 13.6 to 17.1 GHz 4: 17.1 to 27 GHz 5 ms 175 µs 135 µs 135 µs 155 µs 145 µs Non-list mode switching speed 10 Standard, nominal Option UNZ, nominal Baseband frequency offset change 11 5 ms 250 µs Arbitrary frequency change 5 ms 1 ms Resolution bandwidth (RBW) Minimum RBW 1 Hz Maximum span:RBW ratio 12 135 x 106 Maximum RBW (ENBW) IF dither OFF IF dither ON Flat top (160 MHz IF) 31.25 MHz 27.3 MHz Flat top (40 MHz IF) 7.8 MHz 3.9 MHz Gaussian top (160 MHz) 19.4 MHz 16.99 MHz Gaussian top (40 MHz) 4.8 MHz 2.4 MHz Video bandwidth (VBW) Range 1 Hz to maximum RBW and wide open to 50 MHz Accuracy VBW is implemented by averaging to achieve a similar variance reduction effect for the same VBW value. Frequency span Range Single FFT: 800 Hz to 160 MHz Stepped: 800 Hz to 27 GHz Resolution 2 Hz 7. When used with the M9018A PXIe chassis (2-link configuration: 1 x 8 [factory default]) and M9037A PXIe embedded controller. 8. Settled to within 2 kHz or 1 ppm, whichever is greater of final value. Does not include data acquisition or processing time. Amplitude settled to within 0.1 dB. Channel filter set to none. 9. Time from trigger input to frequency and amplitude settled. Minimum IQ sample rate ≥ 6 MHz. Minimum spectrum acquisition ≥ 4.8 MHz. Minimum power acquisition channel filter bandwidth ≥ 4.8 MHz. For frequency changes crossing 3.6 GHz with option UNZ, switching time is 2 ms. For frequency changes crossing any other bands with option UNZ, switching time is < 300 µs. 10. Mean time from IVI command to carrier frequency settled to within 2 kHz or 1 ppm, whichever is greater. Amplitude settled within 0.1 dB. Simultaneous carrier frequency and amplitude switching. For frequency changes crossing 3.6 GHz with option UNZ, switching time is 2 ms. 11. Baseband offset can be adjusted ± from carrier frequency within limits determined by RF analysis bandwidth and IF filter bandwidth. Synthesizer frequency and amplitude are not changing. Baseband offset settled to within 2 kHz. 12. Indicates minimum RBW which can be set for a given measurement span in 64-bit, stepped spectrum acquisition mode. |
同様の部品番号 - M9393A-P08 |
|
同様の説明 - M9393A-P08 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |