データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M9393A-P27 データシート(PDF) 3 Page - Keysight Technologies

部品番号 M9393A-P27
部品情報  M9393A PXIe Performance Vector Signal Analyzer
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEYSIGHT [Keysight Technologies]
ホームページ  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9393A-P27 データシート(HTML) 3 Page - Keysight Technologies

  M9393A-P27 Datasheet HTML 1Page - Keysight Technologies M9393A-P27 Datasheet HTML 2Page - Keysight Technologies M9393A-P27 Datasheet HTML 3Page - Keysight Technologies M9393A-P27 Datasheet HTML 4Page - Keysight Technologies M9393A-P27 Datasheet HTML 5Page - Keysight Technologies M9393A-P27 Datasheet HTML 6Page - Keysight Technologies M9393A-P27 Datasheet HTML 7Page - Keysight Technologies M9393A-P27 Datasheet HTML 8Page - Keysight Technologies M9393A-P27 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
03 | Keysight | M9393A PXIe Performance Vector Signal Analyzer – Data Sheet
Overview
Acquire the performance edge in PXI
Whether your system supports a leading-edge design or a
legacy platform, change is certain. Modular solutions are
highly adaptable, and Keysight Technologies, Inc. is taking
flexibility farther with the M9393A PXIe performance vector
signal analyzer. The M9393A is the realization of our micro-
wave measurement expertise in modular form. It integrates
core signal-analysis capabilities with hardware speed and
accuracy, enabling you to tailor your solution to fit specific
needs – today and tomorrow. Deploy the M9393A and
acquire the performance edge in PXI.
Validate the true performance of your device
The M9393A meets stringent system requirements with
microwave performance previously unseen in modular.
Quickly test to tighter tolerances with best-in-class
switching speed and amplitude accuracy.
Get consistent, accurate results faster with
optimized software elements
The M9393A leverages Keysight’s trusted measurement
science, providing proven, familiar software applications
that minimize development time and reduce risk.
X-Series measurement applications: Verify signal compliance
with standards-based measurements for LTE, WLAN and
more, while simplifying software migration through deep
programmatic compatibility with Keysight benchtop signal
analyzers.
89600 VSA software: Characterize signals across the entire
frequency range with new high-speed stepped spectrum
capability along with existing software support for > 75 signal
formats and multi-channel analysis.
Ensure success at microwave frequencies
today and tomorrow
Easily adapt to changing test needs with license key
upgradable options and hardware designed for extensibility.
Rely on unmatched supportability based on Keysight’s
N7800A calibration and adjustment software for TME
self-maintainers and Keysight’s standard 3-year warranty.
Applications
– Aerospace and defense manufacturing and depot test
– Wireless device design validation and manufacturing
Figure 1. Standard M9393A PXIe performance vector signal analyzer
with four modules consisting of M9300A frequency reference,
M9308A synthesizer, M9365A downconverter and M9214A digitizer.
Product description
The M9393A PXI performance VSA is a vector signal ana-
lyzer with frequency coverage up to 50 GHz. The standard
configuration provides frequency coverage from 9 kHz to 8.4,
14, 18 or 27 GHz and includes four individual PXI modules
— M9214A digitizer, M9308A synthesizer, M9365A down-
converter and M9300A frequency reference. The extended
frequency configuration can be used to provide frequency
coverage from 3.6 to 50 GHz with the recommended addition
of the M9169E switchable attenuator module. For more
information on product options and configurations, see the
configuration guide, literature number 5991-4580EN.
Reference solutions
Application specific reference solutions, a combination
of recommended hardware, software, and measurement
expertise, provide the essential components of a test system.
The following reference solutions include the M9393A PXI
VSA as a hardware component.
– RF PA/FEM characterization and test, Reference Solution
for the industry’s fastest envelope tracking test, rapid
waveform download, tight synchronization, automated
calibration and digital pre-distortion. For more
information, see www.keysight.com/find/solution-padvt
– LTE/LTE-A multi-channel test, Reference Solution
for faster insight into carrier aggregation and spatial
multiplexing designs. For more information, see
www.keysight.com/find/solution-LTE
– Satellite Signal Monitoring, Reference Solution for
monitoring large blocks of spectrum and efficient
validation of signal integrity. For more information, see
www.keysight.com/find/solution-satsigmon


同様の部品番号 - M9393A-P27

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9393A KEYSIGHT-M9393A Datasheet
2Mb / 14P
   PXIe High-Speed Digitizer
M9393A KEYSIGHT-M9393A Datasheet
337Kb / 3P
   PXI Switchable-Input Programmable Step Attenuator Module,DC to 50 GHz
M9393A KEYSIGHT-M9393A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
More results

同様の説明 - M9393A-P27

メーカー部品番号データシート部品情報
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com