データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST52T410 データシート(PDF) 10 Page - STMicroelectronics

部品番号 ST52T410
部品情報  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 データシート(HTML) 10 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 6Page - STMicroelectronics ST52T410 Datasheet HTML 7Page - STMicroelectronics ST52T410 Datasheet HTML 8Page - STMicroelectronics ST52T410 Datasheet HTML 9Page - STMicroelectronics ST52T410 Datasheet HTML 10Page - STMicroelectronics ST52T410 Datasheet HTML 11Page - STMicroelectronics ST52T410 Datasheet HTML 12Page - STMicroelectronics ST52T410 Datasheet HTML 13Page - STMicroelectronics ST52T410 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
ST52T410/T420/E420
10/84
Figure 1.4 ST52410 PDIP28 Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
PDIP28
RESET
OSCIN
TEST
INT/PC0
PB0
PB1
PB2
PB3
VDDA
GNDA
T0OUT/PC1
T1OUT/PC2
T2OUT/PC3
OSCOUT
25
24
23
22
21
20
19
18
17
16
15
VDD
VSS
VPP
PA0/T0RES
PA1/T0OUT
PA2/T1OUT
PA3/T2OUT
PA4/T0STRT
PA5/T0CLK
PA6
PA7/PB7
PB6
PB5
PB4


同様の部品番号 - ST52T410

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T410G0B6 STMICROELECTRONICS-ST52T410G0B6 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T410G0D6 STMICROELECTRONICS-ST52T410G0D6 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T410G0M6 STMICROELECTRONICS-ST52T410G0M6 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T410G0PY STMICROELECTRONICS-ST52T410G0PY Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
More results

同様の説明 - ST52T410

メーカー部品番号データシート部品情報
logo
STMicroelectronics
ST52T410 STMICROELECTRONICS-ST52T410 Datasheet
906Kb / 84P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, WDG
ST52T430 STMICROELECTRONICS-ST52T430 Datasheet
1Mb / 88P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
ST52F510 STMICROELECTRONICS-ST52F510 Datasheet
1Mb / 106P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Two Timer/PWMs, ADC, I2C, SPI, SCI
ST52T400 STMICROELECTRONICS-ST52T400 Datasheet
1Mb / 94P
   8-BIT INTELLIGENT CONTROLLER UNIT ICU Timer/PWM, Analog Comparator, Triac/PWM Timer, WDG
ST7263BDX STMICROELECTRONICS-ST7263BDX Datasheet
2Mb / 145P
   Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
ST7263B STMICROELECTRONICS-ST7263B Datasheet
1Mb / 132P
   LOW SPEED USB 8-BIT MCU FAMILY WITH FLASH/ROM, UP TO 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I짼C
April 2003 Rev. 1.5
logo
PADAUK Technology.
PMC131 PADAUK-PMC131 Datasheet
1Mb / 86P
   12-bit ADC Enhanced 8-bit Controller
logo
STMicroelectronics
ST7263 STMICROELECTRONICS-ST7263 Datasheet
857Kb / 109P
   LOW SPEED USB 8-BIT MCU FAMILY with up to 16K MEMORY, up to 512 BYTES RAM, 8-BIT ADC, WDG, TIMER, SCI & I2C
August 2000 Rev. 1.8
logo
List of Unclassifed Man...
JA32050 ETC-JA32050 Datasheet
305Kb / 19P
   8-Bit MCU,ADC,LCD Controller
logo
STMicroelectronics
ST7263BHX STMICROELECTRONICS-ST7263BHX_09 Datasheet
2Mb / 186P
   Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I짼C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com