データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C654CQ100 データシート(PDF) 8 Page - Exar Corporation

部品番号 ST16C654CQ100
部品情報  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654CQ100 データシート(HTML) 8 Page - Exar Corporation

Back Button ST16C654CQ100 Datasheet HTML 4Page - Exar Corporation ST16C654CQ100 Datasheet HTML 5Page - Exar Corporation ST16C654CQ100 Datasheet HTML 6Page - Exar Corporation ST16C654CQ100 Datasheet HTML 7Page - Exar Corporation ST16C654CQ100 Datasheet HTML 8Page - Exar Corporation ST16C654CQ100 Datasheet HTML 9Page - Exar Corporation ST16C654CQ100 Datasheet HTML 10Page - Exar Corporation ST16C654CQ100 Datasheet HTML 11Page - Exar Corporation ST16C654CQ100 Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
ST16C654/654D
5-72
Rev. 4.10
SYMBOL DESCRIPTION
Symbol
Pin
Signal
Pin Description
68
100
64
type
ated with the 68 mode only. In the 68 mode, interrupts from
UART channels A-D are WIRE-OR’ed” internally to function
as a single IRQ interrupt. This pin transitions to a logic 0 (if
enabled by the interrupt enable register) whenever a UART
channel(s) requires service. Individual channel interrupt
status can be determined by addressing each channel
through its associated internal register, using -CS and A3-
A4. In the 68 mode an external pull-up resistor must be
connected between this pin and Vcc. The function of this pin
changes to INTA when operating in the 16 mode, see
definition under INTA.
IRTX A-B
-
6,24
-
IRTX C-D
-
57,75
-
O
Infrared Transmit Data Output (IrDA) - This function is
associated with 100 pin packages only. These pins provide
separate infrared IrDA TX outputs for UART channel’s (A-
D). The serial infrared IRTX data is transmitted via these
pins with added start, stop and parity bits. The IRTX signal
will be a logic 0 during reset, idle (no data), or when the
transmitter is disabled. MCR bit-6 selects the standard
modem or infrared interface.
MIDICLK
-
42
-
I
MIDI (Musical Instrument Digital Interface) Clock Input -
This function is associated with 100 pin packages only. RXC
and TXC can function as MIDI input/output ports when an
external MIDI Clock is provided at this pin. External Clock
or a crystal is connected to the XTAL1/2 pins for normal
operation (see XTAL 1 & 2).
-RESET
RESET
37
43
27
I
Reset. - In the 16 mode a logic 1 on this pin will reset the
internal registers and all the outputs. The UART transmitter
output and the receiver input will be disabled during reset
time. (See ST16C654 External Reset Conditions for initial-
ization details.) When 16/-68 is a logic 0 (68 mode), this pin
functions similarly but, as an inverted reset interface signal,
-RESET.
R/-W
18
15
-
I
Read/Write Strobe (active low) - This function is associated
with the 68 mode only. This pin provides the combined


同様の部品番号 - ST16C654CQ100

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C654CQ100 EXAR-ST16C654CQ100 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654CQ100 EXAR-ST16C654CQ100 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

同様の説明 - ST16C654CQ100

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com