データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST16C654IJ68 データシート(PDF) 10 Page - Exar Corporation

部品番号 ST16C654IJ68
部品情報  QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C654IJ68 データシート(HTML) 10 Page - Exar Corporation

Back Button ST16C654IJ68 Datasheet HTML 6Page - Exar Corporation ST16C654IJ68 Datasheet HTML 7Page - Exar Corporation ST16C654IJ68 Datasheet HTML 8Page - Exar Corporation ST16C654IJ68 Datasheet HTML 9Page - Exar Corporation ST16C654IJ68 Datasheet HTML 10Page - Exar Corporation ST16C654IJ68 Datasheet HTML 11Page - Exar Corporation ST16C654IJ68 Datasheet HTML 12Page - Exar Corporation ST16C654IJ68 Datasheet HTML 13Page - Exar Corporation ST16C654IJ68 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
ST16C654/654D
5-74
Rev. 4.10
Symbol
Pin
Signal
Pin Description
68
100
64
type
discussed in a following paragraph For 64/68 pin packages,
individual channel TX status can be read by examining
individual internal registers via -CS and A0-A4 pin func-
tions.
-TXRDY A-B
-
5,25
-TXRDY C-D
-
56,81
-
O
This function is associated with 100 pin packages only.
These outputs provide the TX FIFO/THR status for indi-
vidual transmit channels
(A-D). As such, an individual
channel’s -TXRDY A-D buffer ready status is indicated by
logic 0, i.e., at least one location is empty and available in
the FIFO or THR. This pin goes to a logic 1 when there are
no more empty locations in the FIFO or THR.
VCC
13
10
4,21
VCC
47,64
61,86
35,52
I
Power supply inputs.
XTAL1
35
40
25
I
Crystal or External Clock Input - Functions as a crystal input
or as an external clock input. A crystal can be connected
between this pin and XTAL2 to form an internal oscillator
circuit (see figure 8). Alternatively, an external clock can be
connected to this pin to provide custom data rates (see
Baud Rate Generator Programming and optional MIDCLK).
XTAL2
36
41
26
O
Output of the Crystal Oscillator or Buffered Clock - (See also
XTAL1). Crystal oscillator output or buffered clock output.
-CD A-B
9,27
99,32
64,18
-CD C-D
43,61
49,83
31,49
I
Carrier Detect (active low) - These inputs are associated
with individual UART channels A through D. A logic 0 on this
pin indicates that a carrier has been detected by the modem
for that channel.
-CTS A-B
11,25
8,22
2,16
-CTS C-D
45,59
59,73
33,47
I
Clear to Send (active low) - These inputs are associated with
individual UART channels, A through D. A logic 0 on the -
CTS pin indicates the modem or data set is ready to accept
transmit data from the 654. Status can be tested by reading
MSR bit-4. This pin only affects the transmit and receive
operations when Auto CTS function is enabled via the
SYMBOL DESCRIPTION


同様の部品番号 - ST16C654IJ68

メーカー部品番号データシート部品情報
logo
Exar Corporation
ST16C654IJ68 EXAR-ST16C654IJ68 Datasheet
968Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654IJ68 EXAR-ST16C654IJ68 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results

同様の説明 - ST16C654IJ68

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
SC16C654 PHILIPS-SC16C654 Datasheet
647Kb / 52P
   Quad UART with 64-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-19 June 2003
SC16C554 PHILIPS-SC16C554 Datasheet
276Kb / 55P
   Quad UART with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-10 May 2004
logo
Exar Corporation
ST16C580 EXAR-ST16C580_05 Datasheet
212Kb / 39P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
ST16C580 EXAR-ST16C580 Datasheet
244Kb / 41P
   UART WITH 16-BYTE FIFO?셲 AND INFRARED (IrDA) ENCODER/DECODER
logo
NXP Semiconductors
SC16C650A PHILIPS-SC16C650A Datasheet
642Kb / 50P
   Universal Asynchronous Receiver/Transmitter (UART) with 32-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 04-20 June 2003
SC16C550 PHILIPS-SC16C550 Datasheet
639Kb / 52P
   Universal Asynchronous Receiver/Transmitter (UART) with 16-byte FIFO and infrared (IrDA) encoder/decoder
Rev. 05-19 June 2003
logo
Texas Instruments
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C754B TI-TL16C754B Datasheet
466Kb / 37P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com