データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPI-SP10T-63 データシート(PDF) 4 Page - Mini-Circuits

部品番号 SPI-SP10T-63
部品情報  SPI RF SP10T Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SPI-SP10T-63 データシート(HTML) 4 Page - Mini-Circuits

  SPI-SP10T-63 Datasheet HTML 1Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 2Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 3Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 4Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 5Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 6Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 7Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 8Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4 of 11
Mini-Circuits®
www.minicircuits.com P.O. Box 35166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
SPI-SP10T-63
SPI RF SP10T Switch
Table 1: Switch Logic Table
A0
A1
A2
A3
Switch State
1
0
1
0
Com<->J1
1
0
1
1
Com<->J2
1
0
0
1
Com<->J3
1
0
0
0
Com<->J4
1
1
N.C.
N.C.
Com<->J5
0
1
N.C.
N.C.
Com<->J6
0
0
1
0
Com<->J7
0
0
1
1
Com<->J8
0
0
0
1
Com<->J9
0
0
0
0
Com<->J10
The SPI-SP10T-63 serial interface consists of 4 control bits per unit that select the desired switch state, as shown
in Table 1: Switch Logic Table.
The serial interface is a 4-bit serial in, parallel-out shift register buffered by a transparent latch.
It is controlled by three-wire SPI protocol using Data, Clock, and Latch Enable (LE) and an additional Lock for
added noise immunity and increased exibility in controlling the units. All signal voltages are compatible with TTL
and LVTTL. The Data and Clock inputs allow data to be serially entered into the shift register, a process that is
independent of the state of the LE input.
The LE input controls the latch. When LE is HIGH, the latch is transparent and the contents of the serial shift reg-
ister control the switch. When LE is brought LOW, data in the shift register is latched.
Lock is used to lock the current state of the switch regardless of LE state or shift register, while allowing the LE to
pass to other switches in the chain. If Lock is at logic HIGH the switch will respond to LE normally, when Lock is at
logic LOW the switch will not respond to LE. If Lock is not required it can be kept constantly at logic high.
The shift register should be loaded while LE is held LOW to prevent the switch state from changing as data is en-
tered. If multiple units are connected in series, data for all units should be entered before raising the LE to prevent
switches assuming unanticipated states. Thus for example if three units are connected in daisy chain all 12 bits of
control should be entered before raising the LE(see figures 2-4 for connecting units in daisy chain).
The LE input should then be toggled HIGH and brought LOW again, latching the new data. The timing for this
operation is defined by Figure 1: Serial Interface Timing Diagram and Table 2: Serial Interface AC Characteristics.
Note:
1. LE is connected in parallel to all units in a daisy chain using the switches internal buffers to prevent control current from increasing as more
units are connected.
2. Mini-Circuits’ SPI converter, model RS232/USB-SPI, can be used to provide a single USB or RS232 interface for up to 50 daisy-chained
SPI-SP10T-63 switches, with full software support (optional accessories on page 11).
Control Interface
Figure 1: Serial Interface Timing Diagram
LE
Clock
Data
A0
t
LESUP
t
SDSUP
t
LLEPW
t
SDHLD
A1
A2
A3
Table 2. Serial Interface AC Characteristics
Symbol
Parameter
Min.
Max.
Units
fclk
Serial data clock frequency
20
MHz
tclkH
Serial clock HIGH time
8
ns
tclkL
Serial clock LOW time
14
ns
tLESUP LE set-up time after last clock rising edge
8
ns
tLEPW LE minimum pulse width
8
ns
tSDSUP
Serial data set-up time before clock rising
edge
8
ns
tSDHLD
Serial data hold time after clock falling
edge
1
ns


同様の部品番号 - SPI-SP10T-63

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SPI-20686 ETC-SPI-20686 Datasheet
485Kb / 3P
   SPI Ground Gard 5 / 5.5 Operation, Installation, and Maintenance
logo
Sparkle Power Inc.
SPI-230G SPI-SPI-230G Datasheet
443Kb / 2P
   Complied with AT standard
logo
Sanyo Semicon Device
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
More results

同様の説明 - SPI-SP10T-63

メーカー部品番号データシート部品情報
logo
RF Micro Devices
RF8889A RFMD-RF8889A Datasheet
2Mb / 26P
   SP10T ANTENNA SWITCH MODULE
RF1193A RFMD-RF1193A Datasheet
1Mb / 23P
   SP10T ANTENNA SWITCH MODULE
logo
New Japan Radio
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
logo
Pasternack Enterprises,...
PE7160 PASTERNACK-PE7160_15 Datasheet
483Kb / 6P
   SP10T Electromechanical Relay Normally Open Switch
PE7160 PASTERNACK-PE7160 Datasheet
338Kb / 1P
   SMA SP10T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
logo
DAICO Industries, Inc.
DS0820 DAICO-DS0820 Datasheet
188Kb / 1P
   PIN Diode SP10T
logo
Infineon Technologies A...
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
   SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
logo
Skyworks Solutions Inc.
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com