データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SPI-SP10T-63 データシート(PDF) 5 Page - Mini-Circuits

部品番号 SPI-SP10T-63
部品情報  SPI RF SP10T Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SPI-SP10T-63 データシート(HTML) 5 Page - Mini-Circuits

  SPI-SP10T-63 Datasheet HTML 1Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 2Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 3Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 4Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 5Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 6Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 7Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 8Page - Mini-Circuits SPI-SP10T-63 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page 5 of 11
Mini-Circuits®
www.minicircuits.com P.O. Box 35166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
SPI-SP10T-63
SPI RF SP10T Switch
J1 to J10
SPI-SP10T-63 (Switch 1)
Control in
Control out
J1 to J10
SPI-SP10T-63 (Switch 2)
J1 to J10
SPI-SP10T-63 (Switch 3)
J1 to J10
SPI-SP10T-63 (Switch 50)
Control in
Control out
Control in
Control out
Control in
Control out
SPI
Power
SPI
Power
SPI
Power
COM
COM
COM
COM
24V DC
power supply
SPI
Master
Figure 2: Connection diagram for multiple units in series
A0(SW3)
LE
Clock
Data
A1(SW3)
A2(SW3)
A3(SW3)
A0(SW2)
A1(SW2)
A2(SW2)
A3(SW2)
A0(SW1)
A1(SW1)
A2(SW1)
A3(SW1)
Command for Switch 1
Command for Switch 2
Command for Switch 3
Figure 3: Serial Interface Timing Diagram for 3 units in series
Figure 4: Example of command for 3 switches in series
1
LE
Clock
Data
0
0
0
0
0
1
1
0
1
0
1
Set Switch 3 to COM->1 state
Set Switch 2 to COM->8 state
Set Switch 1 to COM->4 state
Control Interface (Daisy Chain)


同様の部品番号 - SPI-SP10T-63

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SPI-20686 ETC-SPI-20686 Datasheet
485Kb / 3P
   SPI Ground Gard 5 / 5.5 Operation, Installation, and Maintenance
logo
Sparkle Power Inc.
SPI-230G SPI-SPI-230G Datasheet
443Kb / 2P
   Complied with AT standard
logo
Sanyo Semicon Device
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
More results

同様の説明 - SPI-SP10T-63

メーカー部品番号データシート部品情報
logo
RF Micro Devices
RF8889A RFMD-RF8889A Datasheet
2Mb / 26P
   SP10T ANTENNA SWITCH MODULE
RF1193A RFMD-RF1193A Datasheet
1Mb / 23P
   SP10T ANTENNA SWITCH MODULE
logo
New Japan Radio
NJG1686MHH NJRC-NJG1686MHH Datasheet
310Kb / 13P
   SP10T ANTENNA SWITCH GaAs MMIC
NJG1670LG3 NJRC-NJG1670LG3 Datasheet
206Kb / 11P
   SP10T ANTENNA SWITCH GaAs MMIC
logo
Pasternack Enterprises,...
PE7160 PASTERNACK-PE7160_15 Datasheet
483Kb / 6P
   SP10T Electromechanical Relay Normally Open Switch
PE7160 PASTERNACK-PE7160 Datasheet
338Kb / 1P
   SMA SP10T RELAY SWITCH, FAILSAFE & NORMALLY OPEN
logo
DAICO Industries, Inc.
DS0820 DAICO-DS0820 Datasheet
188Kb / 1P
   PIN Diode SP10T
logo
Infineon Technologies A...
BGS110MN20 INFINEON-BGS110MN20 Datasheet
1Mb / 18P
   SP10T Diversity Antenna Switch with MIPI RFFE Interface
Revision 3.1 - June 23, 2016
logo
Will Semiconductor Ltd.
WS7810QM WILLSEMI-WS7810QM Datasheet
1Mb / 12P
   0.1GHz??GHz SP10T Diversity Antenna Switch with MIPI RFFE Interface
logo
Skyworks Solutions Inc.
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com