データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8392 データシート(PDF) 8 Page - Analog Devices

部品番号 AD8392
部品情報  Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8392 データシート(HTML) 8 Page - Analog Devices

Back Button AD8392 Datasheet HTML 4Page - Analog Devices AD8392 Datasheet HTML 5Page - Analog Devices AD8392 Datasheet HTML 6Page - Analog Devices AD8392 Datasheet HTML 7Page - Analog Devices AD8392 Datasheet HTML 8Page - Analog Devices AD8392 Datasheet HTML 9Page - Analog Devices AD8392 Datasheet HTML 10Page - Analog Devices AD8392 Datasheet HTML 11Page - Analog Devices AD8392 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8392
Rev. 0 | Page 8 of 16
–10
–8
–6
–4
–2
02468
10
TIME (
µs)
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
Figure 16. Small Signal Pulse Response
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, 100 mV Step
CH1 200mV
CH2 1.00mV
M 50.0ns
A CH2
2.38V
2
1
B
W
B
W
OUTPUT
PD PINS
Figure 17. Power-Up Time: PD (1, 1) to PD (0, 0)
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 1 V p-p
CH1 5.00V
CH2 5.00V
M1.00
µs
CH1
700mV
2
1
OUTPUT
INPUT
∆: 460ns
@: –1.32
µs
C2 p-p
21.4V
C1 p-p
27.0V
Figure 18. Input Overdrive Recovery
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +1, VIN = 27 V p-p
–10
–8
–6
–4
–2
02468
10
TIME (
µs)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
Figure 19. Large Signal Pulse Response
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, 4 V Step
CH1 200mV
B
W
CH2 1.00V
B
W
M 400ns
CH2
2.38V
2
1
OUTPUT
PD PINS
Figure 20. Power-Down Time: PD (0, 0) to PD (1, 1)
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VOUT = 1 V p-p
CH1 1.00V
CH2 5.00V
M1.00
µs
CH1
800mV
2
1
OUTPUT
INPUT
∆: 420ns
@: 2.84
µs
C2 p-p
21.8V
C1 p-p
6.00V
Figure 21. Output Overdrive Recovery
Quad Op Amp Circuit (Figure 29)
VS = ±12 V, RLOAD = 100 Ω, G = +5, VIN = 6 V p-p


同様の部品番号 - AD8392

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R2 AD-AD8392AACPZ-R2 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8392AACPZ-R7 AD-AD8392AACPZ-R7 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
More results

同様の説明 - AD8392

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8392A AD-AD8392A Datasheet
557Kb / 12P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
REV. 0
AD8394 AD-AD8394 Datasheet
66Kb / 2P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
Rev. Sp0
AD8392A AD-AD8392A_16 Datasheet
570Kb / 13P
   Low Power, High Output Current, Quad Op Amp, Dual-Channel ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403_16 Datasheet
438Kb / 11P
   Ultralow Power, Adaptive Linear Power, Dual-Port ADSL/ADSL2 Line Driver
ADLD8403 AD-ADLD8403 Datasheet
365Kb / 10P
   Ultralow Power, Adaptive Linear Power,Dual-Port ADSL/ADSL2 Line Driver
logo
Intersil Corporation
EL1537B INTERSIL-EL1537B Datasheet
46Kb / 2P
   Dual Channel CO ADSL2 Line Driver
ISL1535 INTERSIL-ISL1535 Datasheet
46Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1536IRZ INTERSIL-ISL1536IRZ Datasheet
356Kb / 9P
   Dual Channel Central Office ADSL2 Line Driver
February 15, 2013
ISL1535A INTERSIL-ISL1535A Datasheet
53Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
ISL1535AIVEZ INTERSIL-ISL1535AIVEZ Datasheet
114Kb / 2P
   Dual Channel Central Office ADSL2 Line Driver
March 11, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com