データシートサーチシステム |
|
AD8391AR-EVAL データシート(PDF) 4 Page - Analog Devices |
|
AD8391AR-EVAL データシート(HTML) 4 Page - Analog Devices |
4 / 20 page REV. 0 AD8391 –4– ABSOLUTE MAXIMUM RATINGS 1 Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12.6 V Internal Power Dissipation 2 Small Outline Package (R) . . . . . . . . . . . . . . . . . . . 650 mW Input Voltage (Common-Mode) . . . . . . . . . . . . . . . . . . . . ±V S Logic Voltage, PWDN . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±VS Output Short Circuit Duration . . . . . . . . . . . . . . . . . . . . . Observe Power Derating Curve Storage Temperature Range . . . . . . . . . . . . –65 °C to +150°C Operating Temperature Range . . . . . . . . . . . –40 °C to +85°C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300 °C NOTES 1 Stresses above those listed under Absolute Maximum Ratings may cause perma- nent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 Specification is for device on a four-layer board in free air at 85 °C: 8-Lead SOIC package: JA = 100 °C/W. MAXIMUM POWER DISSIPATION The maximum power that can be safely dissipated by the AD8391 is limited by the associated rise in junction temperature. The maximum safe junction temperature for a plastic encapsu- lated device is determined by the glass transition temperature of the plastic, approximately 150 °C. Temporarily exceeding this limit may cause a shift in parametric performance due to a change in the stresses exerted on the die by the package. To ensure proper operation, it is necessary to observe the maxi- mum power derating curve. AMBIENT TEMPERATURE – C 2.0 –50 1.5 1.0 0.5 0 –40 –30 –20 –10 0 10 2030 4050 60 70 80 90 TJ = 150 C 8-LEAD SOIC PACKAGE Figure 2. Plot of Maximum Power Dissipation vs. Temperature ORDERING GUIDE Temperature Package Package Model Range Description Option AD8391AR –40 °C to +85°C 8-Lead Plastic SO-8 SOIC AD8391AR–REEL –40 °C to +85°C 8-Lead SOIC SO-8 AD8391AR–REEL7 –40 °C to +85°C 8-Lead SOIC SO-8 AD8391AR–EVAL Evaluatio n Board SO-8 WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD8391 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
同様の部品番号 - AD8391AR-EVAL |
|
同様の説明 - AD8391AR-EVAL |