データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP1495S データシート(PDF) 8 Page - Monolithic Power Systems

部品番号 MP1495S
部品情報  High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MPS [Monolithic Power Systems]
ホームページ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1495S データシート(HTML) 8 Page - Monolithic Power Systems

Back Button MP1495S Datasheet HTML 4Page - Monolithic Power Systems MP1495S Datasheet HTML 5Page - Monolithic Power Systems MP1495S Datasheet HTML 6Page - Monolithic Power Systems MP1495S Datasheet HTML 7Page - Monolithic Power Systems MP1495S Datasheet HTML 8Page - Monolithic Power Systems MP1495S Datasheet HTML 9Page - Monolithic Power Systems MP1495S Datasheet HTML 10Page - Monolithic Power Systems MP1495S Datasheet HTML 11Page - Monolithic Power Systems MP1495S Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MP1495S
– SYNCHRONOUS STEP-DOWN CONVERTER
MP1495S Rev. 1.0
www.MonolithicPower.com
8
12/13/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
AAM
Advanced Asynchronous Modulation. Connect the tap of 2 resistor dividers to force the
MP1495S into non-synchronous mode under light loads. Drive AAM pin high (VCC) to
force the MP1495S into CCM.
2
IN
Supply Voltage. The MP1495S operates from a 4.5V to 16V input rail. Requires C1 to
decouple the input rail. Connect using a wide PCB trace.
3
SW
Switch Output. Connect using a wide PCB trace.
4
GND
System Ground. This pin is the reference ground of the regulated output voltage, and
PCB layout requires special care. For best results, connect to GND with copper traces
and vias.
5
BST
Bootstrap. Requires a capacitor connected between SW and BST pins to form a floating
supply across the high-side switch driver. A 10
Ω resistor placed between SW and BST
cap is strongly recommended to reduce SW spike voltage.
6
EN/SYNC
Enable/Synchronize. EN high to enable the MP1495S. Apply an external clock to the EN
pin to change the switching frequency.
7
VCC
Bias Supply. Decouple with 0.1
μF-to-0.22μF capacitor. Select a capacitor that does not
exceed 0.22
μF. VCC capacitor should be put closely to VCC pin and GND pin.
8
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND, to
set the output voltage. The frequency fold-back comparator lowers the oscillator
frequency when the FB voltage is below 400mV to prevent current limit runaway during a
short-circuit fault condition.


同様の部品番号 - MP1495S

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1495DJ MPS-MP1495DJ Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
More results

同様の説明 - MP1495S

メーカー部品番号データシート部品情報
logo
Monolithic Power System...
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
   High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1497 MPS-MP1497 Datasheet
504Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475S MPS-MP1475S Datasheet
630Kb / 19P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
   500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8033 BELLING-BL8033 Datasheet
1Mb / 8P
   500KHz, 16V, 3A Synchronous Step-Down Converter
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com